Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100AF5J Datasheet(PDF) 6 Page - Kemet Corporation

Part # C277LAB4100AF5J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100AF5J Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C277LAB4100AF5J Datasheet HTML 2Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 3Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 4Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 5Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 6Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 7Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 8Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 9Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Table 1 – Ratings & Part Number Reference cont.
Capacitance
Value (µF)
VAC
Maximum Dimensions (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number
D
H
40
470
45
93
15
Double faston
50
C276CC35400AA0J
45
470
50
95
15
Double faston
40
C276CC35450AA0J
50
470
50
120
15
Double faston
40
C276CC35500AA0J
60
470
50
120
15
Double faston
40
C276CC35600AA0J
2
470
25
58.5
15
Unsheathed bipolar cable (tinned end)
162
C276CCF4200LG0J
3
470
25
57
15
Unsheathed bipolar cable (tinned end)
162
C276CCF4300LG0J
4
470
25
58.5
15
Unsheathed bipolar cable (tinned end)
162
C276CCF4400LG0J
5
470
30
57
15
Unsheathed bipolar cable (tinned end)
110
C276CCF4500LG0J
5.5
470
30
58.5
15
Unsheathed bipolar cable (tinned end)
110
C276CCF4550LG0J
6
470
30
58.5
15
Unsheathed bipolar cable (tinned end)
110
C276CCF4600LG0J
8
470
35
58.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF4800LG0J
10
470
35
58.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5100LG0J
12
470
35
71.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5120LG0J
12.5
470
35
71.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5125LG0J
14
470
35
71.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5140LG0J
16
470
35
71.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5160LG0J
16
470
35
71.5
15
Unsheathed bipolar cable (tinned end)
86
C276CCF5160LF0J
20
470
40
71.5
15
Unsheathed bipolar cable (tinned end)
60
C276CCF5200LG0J
25
470
45
71.5
15
Unsheathed bipolar cable (tinned end)
50
C276CCF5250LG0J
30
470
45
71.5
15
Unsheathed bipolar cable (tinned end)
50
C276CCF5300LG0J
35
470
45
95.5
15
Unsheathed bipolar cable (tinned end)
50
C276CCF5350LG0J
40
470
45
95.5
15
Unsheathed bipolar cable (tinned end)
50
C276CCF5400LG0J
50
470
50
95
15
Unsheathed bipolar cable (tinned end)
40
C276CCF5500LH2J
3
470
25
55
15
Polar cable (untinned end)
162
C276CCB4300AF0J
4
470
25
55
15
Polar cable (untinned end)
162
C276CCB4400AF0J
5
470
30
55
15
Polar cable (untinned end)
110
C276CCB4500AF0J
7
470
30
55
15
Polar cable (untinned end)
110
C276CCB4700AF0J
8
470
35
55
15
Polar cable (untinned end)
86
C276CCB4800AF0J
8.5
470
35
55
15
Polar cable (untinned end)
86
C276CCB4850AF0J
9
470
35
55
15
Polar cable (untinned end)
86
C276CCB4900AF0J
12
470
35
69.5
15
Polar cable (untinned end)
86
C276CCB5120AF0J
12.5
470
35
69.5
15
Polar cable (untinned end)
86
C276CCB5125AF0J
14
470
35
69.5
15
Polar cable (untinned end)
86
C276CCB5140AF0J
5
425
25
56.5
15
Single faston
162
C277LC24500AA0J
16
425
35
74
15
Single faston
86
C277LC25160AA0J
50
425
45
93
15
Double faston
50
C277LC35500AA0J
70
425
50
95
15
Double faston
40
C277LC35700AA0J
4
425
25
55
15
Polar cable (untinned end)
162
C277LCB4400AF0J
5
425
25
55
15
Polar cable (untinned end)
162
C277LCB4500AF0J
7
425
30
55
15
Polar cable (untinned end)
110
C277LCB4700AF0J
8
425
30
55
15
Polar cable (untinned end)
110
C277LCB4800AF0J
9
425
30
55
15
Polar cable (untinned end)
110
C277LCB4900AF0J
30
425
40
95.5
15
Unsheathed bipolar cable (tinned end)
60
C277LCF5300LG2J
Capacitance
Value (µF)
VAC
B (mm)
H (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com