Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100AF5J Datasheet(PDF) 3 Page - Kemet Corporation

Part # C277LAB4100AF5J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100AF5J Datasheet(HTML) 3 Page - Kemet Corporation

  C277LAB4100AF5J Datasheet HTML 1Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 2Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 3Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 4Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 5Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 6Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 7Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 8Page - Kemet Corporation C277LAB4100AF5J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Performance Characteristics
Type of Service
Continuous
Operating Class
C27/4
Class A 30,000 hours at 420 VAC or Class B 10,000 hours at 470 VAC
C27/6
Class B 10,000 hours at 420 VAC or Class C 3,000 hours at 470 VAC
C27/7
Class B 10,000 hours at 275 VAC or Class D 1,000 hours at 425 VAC (intermittent operation)
Temperature Range
−25°C to +85°C
Storage Temperature
−40°C to +90°C
Rated Voltage
470 VAC
Rated Frequency
50 – 60 Hz
Voltage Rise/Fall Time (Maximum):
C27/4
C27/6
c27/7
20 V/μs
15 V/μs
15 V/μs
Maximum Permissible Voltage
1.10 x rated voltage
Maximum Permissible Current
1.30 x rated current
Dissipation Factor (DF)
20 x 10 −4 at +20°C, 50Hz
Safety Class
S0
Maximum Altitude
2,000 m
Capacitance Tolerance
±5%
Mounting
Any position
Can
Polypropylene with self-extinguishing features V2 (UL 94)
Noryl with self-extinguishing features VI (UL 94) for diameters > 50 mm
Disk
Faston execution: Nylon PA66 with self-extinguishing features V0
Cable execution: PC-A with self-extinguishing features V0
For diameters > 40 mm cable execution: Noryl PPO with self-extinguishing features VI
Filling Resin
Polyurethane
Dielectric
Polypropylene
Plates
Self-healing metal layer
Test Voltage Terminal to Terminal
(V
TT)
2 V
n for 2 seconds
Test Voltage Terminal to Can (V
TC)
2,000 V for 2 seconds
Air Distance Between Live Parts
≥ 5 mm
Air Distance Between Live Parts and
Case
≥ 6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com