Electronic Components Datasheet Search
  English  ▼

X  

MCP9600T Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP9600T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600T Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP9600T Datasheet HTML 41Page - Microchip Technology MCP9600T Datasheet HTML 42Page - Microchip Technology MCP9600T Datasheet HTML 43Page - Microchip Technology MCP9600T Datasheet HTML 44Page - Microchip Technology MCP9600T Datasheet HTML 45Page - Microchip Technology MCP9600T Datasheet HTML 46Page - Microchip Technology MCP9600T Datasheet HTML 47Page - Microchip Technology MCP9600T Datasheet HTML 48Page - Microchip Technology MCP9600T Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 45
MCP960X/L0X/RL0X
6.3.3
OPEN AND SHORT DETECTION
CIRCUITS
For the MCP9600/L00/RL00, external circuits can be
added to detect the thermocouple status as open
(physically disconnected) or as short (thermocouple
wire in contact with the system ground or VDD). If a
passive circuit is added to the input stage, then the
circuit loading effect to the MCP9600/L00/RL00 ADC
inputs must be considered. System calibration is also
required to ensure proper accuracy. In addition,
external loads can degrade the device performance,
such as input offset, gain and Integral Nonlinearity
(INL) errors. If a low-impedance active circuit is added,
then both offset and gain errors must be calibrated.
The MCP9601/L01/RL01 has a Thermocouple open
and short-circuit detection mechanism, which is imple-
mented using a Sense-Input pin (VSENSE), as shown in
Figure 1-1. The VSENSE pin and RA and RB resistors
must be connected as indicated in Figure 1-1. For
proper operation, the resistor values must also be
within the specified tolerance range. When open-circuit
or short-circuit conditions are detected, the OC Alert
and SC Alert Active-High Push-Pull outputs are
asserted, respectively.
6.3.3.1
Open-Circuit Detection Technique
For MCP9600/L00/RL00 open-circuit detection, the
Input Range bit (bit 4) of the STATUS register
(Register 5-6), can be used to detect open-circuit
conditions. This would require a few external resistors,
as shown in Figure 6-6. The passive circuit does not
affect the MCP9600/L00/RL00 accuracy. When the
thermocouple is connected, the input Common-mode
voltage is 50% of VDD. When the thermocouple is
disconnected, the voltage at the VIN+ input is 66% of
VDD and the voltage at the VIN- input is pulled low to
VSS. This change forces the Input Range bit to be set.
The
MCP9601/L01/RL01
open-circuit
detection
mechanism operates similarly (see Figure 6-7), and
the detection thresholds are specified as VSiOC and
VSiNOR (see DC Characteristics).
The host controller can momentarily poll the Status bit
to detect the Open-Circuit condition. For the
MCP9601/L01/RL01, the OC Alert pin can are used as
hardware indicator.
FIGURE 6-6:
Adding Open-Circuit
Detection Resistors (MCP9600/L00/RL00).
FIGURE 6-7:
Adding Open-Circuit
Detection Resistors (MCP9601/L01/RL01).
Del Sig
VIN+
VIN-
MCP9600/L00/RL00
Thermocouple
+
R
VDD
RB
RB
Del Sig
VIN+
VIN-
Thermocouple
+
RA
VDD
R
RB
VSENSE
MCP9601/L01/RL01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com