Electronic Components Datasheet Search
  English  ▼

X  

MCP9600T Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP9600T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600T Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP9600T Datasheet HTML 42Page - Microchip Technology MCP9600T Datasheet HTML 43Page - Microchip Technology MCP9600T Datasheet HTML 44Page - Microchip Technology MCP9600T Datasheet HTML 45Page - Microchip Technology MCP9600T Datasheet HTML 46Page - Microchip Technology MCP9600T Datasheet HTML 47Page - Microchip Technology MCP9600T Datasheet HTML 48Page - Microchip Technology MCP9600T Datasheet HTML 49Page - Microchip Technology MCP9600T Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 46
MCP960X/L0X/RL0X
6.3.4
ALIASING AND ANTI-ALIASING
FILTER
Aliasing occurs when the input signal contains time
varying signals with frequency greater than half the
sample rate. In the aliasing conditions, the ADC can
output unexpected codes. The ADC integrates a first
order sync filter; however, an external anti-aliasing filter
can provide an added filter for high noise applications.
This can be done with a simple RC low-pass filter at the
inputs, as shown in Figure 6-8. Open-circuit detection
resistors can also be added, as shown in Figure 6-9.
FIGURE 6-8:
Adding a Low-Pass Filter.
FIGURE 6-9:
Adding Open-Circuit
Detection Resistors with an Input Low-Pass
Filter (MCP9600/L00/RL00, see Section 6.3.3
“Open and Short Detection Circuits”).
FIGURE 6-10:
Adding Open-Circuit
Detection Resistors with an Input Low-Pass
Filter (MCP9601/L01/RL01).
6.3.5
ESD PROTECTION USING FERRITE
BEADS
Ferrite beads and Transient Voltage Suppression
(TVS) Diodes are highly recommended to protect the
MCP960X/L0X/RL0X and other devices from a high
frequency noise and ESD discharge through the
thermocouple wire. These additional components can
be added to the input channel as shown in Figure 6-11
and Figure 6-12.
FIGURE 6-11:
Adding Ferrite Beads
(MCP9600/L00/RL00).
FIGURE 6-12:
Adding Ferrite Beads
(MCP9601/L01/RL01).
Del Sig
VIN+
VIN-
Thermocouple
+
C
RA
RA
ADC Core
Del Sig
VIN+
VIN-
Thermocouple
+
C
R
R
VDD
R
RB
R
MCP9600/L00/RL00
Del Sig
VIN+
VIN-
Thermocouple
+
C
R
RA
VDD
R
RB
R
VSENSE
MCP9601/L01/RL01
Del Sig
VIN+
VIN-
Thermocouple
+
C
R
RB
R
VDD
R
L
L
VDD
R
D
D
D
D
MCP9600/L00/RL00
Del Sig
VIN+
VIN-
Thermocouple
+
C
R
RA VDD
RB
R
L
L
VDD
R
D
D
D
D
MCP9601/L01/RL01
VSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com