Electronic Components Datasheet Search
  English  ▼

X  

B45296 Datasheet(PDF) 2 Page - EPCOS

Part # B45296
Description  Tantalum Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45296 Datasheet(HTML) 2 Page - EPCOS

  B45296 Datasheet HTML 1Page - EPCOS B45296 Datasheet HTML 2Page - EPCOS B45296 Datasheet HTML 3Page - EPCOS B45296 Datasheet HTML 4Page - EPCOS B45296 Datasheet HTML 5Page - EPCOS B45296 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81
02/04
Tantalum Chip Capacitors
Polymer; Ultra-Low ESR
Ordering code structure
Specifications and characteristics in brief
For characteristic curves see “General Technical Information”, page 107 ff.
Ultra-Low ESR
Series
B45296R
Technology
Ta-Poly
Terminals
Tinned
Rated voltage VR (up to 85 °C)
2,5 … 10 Vdc
Rated capacitance CR
100 … 680
µF
Capacitance tolerance
± 20%
Operating temperature
– 55 … +105
°C
Failure rate
Specification in preparation
Service life
> 500 000 h
Leakage current
(VR, 5 min, 20 °C)
100 nA/
µC
ESRmax (20 °C, 100 kHz)
35 … 80 m
Ω
IEC climatic category
To IEC 60068-1
55/105/56 (– 55 /+105
°C; 56 days damp heat test)
Passive component
Tantalum capacitor
Series
296R = tantalum polymer,
294R = tinned terminals or Sn100
B45296
R1477
M
Reel diameter
9 = 180 mm, 6 = 330 mm
Case size
4 = D, 5 = E
Capacitance tolerance
M =
± 20 %
Voltage (code number)
Rated capacitance
First two digits = significant figures
Third digit = exponent
50 *
ESR quality grade (0 to 1)
0 = standard quality
1 = premium quality
B45296
B45296.fm Seite 81 Montag, 9. Februar 2004 9:37 09



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com