Electronic Components Datasheet Search
  English  ▼

X  

B45296 Datasheet(PDF) 6 Page - EPCOS

Part # B45296
Description  Tantalum Chip Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45296 Datasheet(HTML) 6 Page - EPCOS

  B45296 Datasheet HTML 1Page - EPCOS B45296 Datasheet HTML 2Page - EPCOS B45296 Datasheet HTML 3Page - EPCOS B45296 Datasheet HTML 4Page - EPCOS B45296 Datasheet HTML 5Page - EPCOS B45296 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
85
02/04
Tantalum Chip Capacitors
Polymer; Ultra-Low ESR
6,3
(5,0)
150
D
0,1
95
55
1,7
B45296R1157M40*
150
D
0,1
95
45
1,8
B45296R1157M41*
220
D
0,1
139
50
1,7
B45296R1227M40*
220
D
0,1
139
40
1,9
B45296R1227M41*
330
D
0,1
208
45
1,8
B45296R1337M40*
330
D
0,1
208
40
1,9
B45296R1337M41*
330
E
0,1
208
40
2,0
B45296R1337M50*
330
E
0,1
208
35
2,2
B45296R1337M51*
470
E
0,1
296
40
2,0
B45296R1477M50*
470
E
0,1
296
35
2,2
B45296R1477M51*
10
(8,0)
100
D
0,1
100
80
1,4
B45296R2107M40*
100
D
0,1
100
55
1,7
B45296R2107M41*
150
D
0,1
150
55
1,7
B45296R2157M41*
220
D
0,1
220
55
1,7
B45296R2227M40*
220
D
0,1
220
40
1,9
B45296R2227M41*
Capacitance tolerance: M =
± 20%
VR
up to 85 °C
(up to 105°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20°C,VR,
5 min)
µA
ESRmax1)
(20 °C,
100 kHz)
m
Ω
Iac
(20 °C,
100 kHz)
A
Ordering code 2)
1) Other values upon request
2) * Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45296
B45296.fm Seite 85 Montag, 9. Februar 2004 9:37 09



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com