Electronic Components Datasheet Search
  English  ▼

X  

SE050B1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE050B1
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050B1 Datasheet(HTML) 3 Page - NXP Semiconductors

  SE050B1 Datasheet HTML 1Page - NXP Semiconductors SE050B1 Datasheet HTML 2Page - NXP Semiconductors SE050B1 Datasheet HTML 3Page - NXP Semiconductors SE050B1 Datasheet HTML 4Page - NXP Semiconductors SE050B1 Datasheet HTML 5Page - NXP Semiconductors SE050B1 Datasheet HTML 6Page - NXP Semiconductors SE050B1 Datasheet HTML 7Page - NXP Semiconductors SE050B1 Datasheet HTML 8Page - NXP Semiconductors SE050B1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
Variable
Meaning
Values
Description
a
Applet Config
A
B
C
D
E
F
Configuration options with different key provisioning
options, see [4]
g
Temperature range
1
2
Operational ambient temperature
1 = -25 °C - 85 °C ,
2 = -40 °C - 105 °C
ddd
Delivery Type
HQ1
HX2QFN20
Zrrff
Letters and
numbers
NXP internal code to identify individual configurations
Table 1. SE050 commercial name format...continued
2 Features and benefits
2.1 Key benefits
• Plug & Trust for fast and easy design with complete product support package
• Easy integration with different MCU & MPU platforms and OS´ (Linux, RTOS, Windows,
Android, etc.)
• Turnkey solution ideal for system-level security without the need to write security code
• Secure credential injection for root of trust at IC level
• Secure, zero-touch connectivity to public & private clouds
• Real end-to-end security, from sensor to cloud
• Ready-to-use example code for each of the key use cases
2.2 Key features
The SE050 is based on NXP's Integral Security Architecture 3.0™ providing a secure
and efficient protection against various security threats. The efficiency of the security
measures is proven by a Common Criteria EAL6+ certification.
The SE050 operates fully autonomously based on an integrated Javacard operating
system and applet. Direct memory access is possible by the fixed functionalities of the
applet only. With that, the content from the memory is fully isolated from the host system.
• Built on NXP Integral Security Architecture 3.0 ™
• CC EAL 6+ certified HW and OS as environment to run NXP IoT applications,
supporting fully encrypted communications and secured lifecycle management
• FIPS 140-2 certified platform with Security Level 3 for OS and Applet, and Security
Level 4 related to Physical Security of the HW
– Disclaimer: FIPS certification require a specific product type. For more information,
refer to [4].
• Effective protection against advanced attacks, including Power Analysis and Fault
Attacks of various kinds
• Multiple logical and physical protection layers, including metal shielding, end-to-end
encryption, memory encryption, tamper detection
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
3 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com