Electronic Components Datasheet Search
  English  ▼

X  

SE050B1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SE050B1
Description  Plug & Trust Secure Element
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050B1 Datasheet(HTML) 4 Page - NXP Semiconductors

  SE050B1 Datasheet HTML 1Page - NXP Semiconductors SE050B1 Datasheet HTML 2Page - NXP Semiconductors SE050B1 Datasheet HTML 3Page - NXP Semiconductors SE050B1 Datasheet HTML 4Page - NXP Semiconductors SE050B1 Datasheet HTML 5Page - NXP Semiconductors SE050B1 Datasheet HTML 6Page - NXP Semiconductors SE050B1 Datasheet HTML 7Page - NXP Semiconductors SE050B1 Datasheet HTML 8Page - NXP Semiconductors SE050B1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
• Support for RSA and ECC asymmetric cryptography algorithms, future proof curves
and high key length, e.g. Brainpool, Edwards and Montgomery curves
• Support for AES and DES symmetric cryptographic algorithms for encryption and
decryption
• Support for AES Modes: CBC, ECB, CTR
• HMAC, CMAC, SHA-1, SHA-224/256/384/512 operations
• Various options for key derivation functions, including HKDF, MIFARE KDF, PRF (TLS-
PSK)
• Extended temperature range for industrial applications (-40 °C to +105 °C)
• Small footprint HX2QFN20 package (3x3 mm)
• Standard physical interface I2C target (High-speed mode, 3.4 Mbps), I2C controller
(Fast mode, 400 kbps). Both can be active at the same time
• Dedicated CL wireless interface for IoT use cases simplifying configuration set-up,
maintenance in the field and late stage configuration
• Secured user flash memory up to 50 kB for secure data or key storage
• Support for SCP03 protocol (bus encryption and encrypted credential injection) to
securely bind the host with the secure element
• TRNG compliant to NIST SP800-90B
• DRBG compliant to NIST SP800-90A
• Support for applet level secure messaging channels to allow end-to-end encrypted
communication in multi-tenant ecosystems
• In 2022 NXP launched a new generation of product variants, the SE050E platform. The
SE050E platform supports the following new features.
– AES Modes: CCM and GCM
– GMAC
– EC Curves for ECDH: Curve448
• Matter Ready: SE050 provides the necessary cryptographic functions to support the
upcoming Matter standard for connecting smart home devices.
Note: The available features in each product vary according to the chosen variant. More
details are available on [4].
2.3 Features in detail
Categories
Subcategory
Value
Security certification
CC EAL6+ (HW+JCOP), FIPS 140-2 L3
JavaCard version
3.0.5
Standards
GlobalPlatform specification version
GP 2.3.1
ECC
ECDSA, ECDH, ECDHE, EdDSA
MAC
HMAC, secure HMAC, CMAC, GMAC[1]
Hash
SHA-1, SHA-224, SHA-256, SHA-384,
SHA-512
Key derivation
HKDF, PBKDF2, PRF (TLS-PSK),
MIFARE-AES-KDF
AES
AES (128, 192, 256)
Cryptography
AES Modes
CBC, ECB, CTR, CCM[1] , GCM[1]
Table 2. Feature Overview
SE050
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.5 — 22 August 2022
504935
4 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com