Electronic Components Datasheet Search
  English  ▼

X  

AP2202 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2202 Datasheet HTML 1Page - Diodes Incorporated AP2202 Datasheet HTML 2Page - Diodes Incorporated AP2202 Datasheet HTML 3Page - Diodes Incorporated AP2202 Datasheet HTML 4Page - Diodes Incorporated AP2202 Datasheet HTML 5Page - Diodes Incorporated AP2202 Datasheet HTML 6Page - Diodes Incorporated AP2202 Datasheet HTML 7Page - Diodes Incorporated AP2202 Datasheet HTML 8Page - Diodes Incorporated AP2202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
1 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
150mA RF ULDO REGULATOR
Description
The
DIODES™ AP2202 is a 150mA ULDO regulator which provides
very low noise, ultra-low dropout voltage (typically 165mV at 150mA),
very low standby current (1µA maximum), and excellent power supply
ripple rejection (PSRR 75dB at 100Hz). This device is used in battery-
powered applications, such as handsets and PDAs; and in noise-
sensitive applications, such as RF electronics.
The AP2202 also features logic-compatible enable/shutdown control
inputs, a low power shutdown mode for extended battery life,
overcurrent protection, over temperature protection, and reversed
current protection.
The AP2202 has adjustable 2.5V, 2.6V, 2.8V, 3.0V, and 3.3V
versions.
The AP2202 is available in the space-saving SOT-23-5 and SOT-89
packages.
Features

Up to 150mA Output Current

Low Standby Current

Low Dropout Voltage: VDROP = 165mV at 150mA

High Output Accuracy: ±1%

Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100µA

Tight Load and Line Regulation

Low Temperature Coefficient

Overcurrent Protection

Thermal Protection

Reverse Current Protection

Logic-Controlled Enable
Lead-Free Packages: SOT-23-5, SOT-89
Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
Lead-
Free Packages, Available in “Green” Molding Compound:
SOT-23-5, SOT-89
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-
Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
(Top View)
SOT-89 (Option 1)
SOT-89 (Option 2)
Applications
Cellular phones
Cordless phones
Digital still cameras
Wireless communicators
PDAs/palmtops
PC mother boards
Consumer electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
5
VIN
GND
EN
VOUT
BYP
1
2
3
4
5
VIN
GND
EN
VOUT
ADJ
VIN
GND
(TAB)
VOUT
1
2
3
1
2
3
VIN
GND
(TAB)
VOUT
SOT-23-5
(Top View)
(Top View)


Similar Part No. - AP2202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TR BCDSEMI-AP2202K-2.5TR Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TR BCDSEMI-AP2202K-2.5TR Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2202K-2.5TRE1 BCDSEMI-AP2202K-2.5TRE1 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2202K-2.5TRE1 BCDSEMI-AP2202K-2.5TRE1 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
More results

Similar Description - AP2202

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
150mA RF ULDO REGULATOR
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
150mA RF ULDO REGULATOR
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com