Electronic Components Datasheet Search
  English  ▼

X  

AP2202 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2202
Description  150mA RF ULDO REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2202 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2202 Datasheet HTML 11Page - Diodes Incorporated AP2202 Datasheet HTML 12Page - Diodes Incorporated AP2202 Datasheet HTML 13Page - Diodes Incorporated AP2202 Datasheet HTML 14Page - Diodes Incorporated AP2202 Datasheet HTML 15Page - Diodes Incorporated AP2202 Datasheet HTML 16Page - Diodes Incorporated AP2202 Datasheet HTML 17Page - Diodes Incorporated AP2202 Datasheet HTML 18Page - Diodes Incorporated AP2202 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AP2202
Document number: DS38214 Rev. 6 - 2
15 of 26
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP2202
AP2202-3.3 Electrical Characteristics (@ VIN = 4.3V, IOUT = 100µA, CIN = 1.0µF, COUT = 2.2µF, VEN ≥2.0V, TJ = +25°C,
Bold typeface applies over -40°C
≤ TJ ≤ +125°C (Note 6), unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT/VOUT
Output Voltage Accuracy
Variation from Specified VOUT
-1
—
1
%
-2
—
2
∆VOUT/∆T
Output Voltage Temperature
Coefficient (Note 7)
—
—
120
—
µV/°C
VOUT/VOUT)/∆T
—
—
36.3
—
ppm/°C
VRLINE
Line Regulation
VIN = 4.3V to 13.2V
—
1
5
mV
—
—
15
VRLOAD
Load Regulation (Note 8)
IOUT = 0.1mA to 150mA
—
1
8
mV
—
—
17
VDROP
Dropout Voltage (Note 9)
IOUT = 100µA
—
15
50
mV
—
—
70
IOUT = 50mA
—
110
150
—
—
230
IOUT = 100mA
—
140
250
—
—
300
IOUT = 150mA
—
165
275
—
—
350
ISTD
Standby Current
VEN ≤ 0.4V (Shutdown)
—
0.01
1
µA
VEN ≤ 0.18V (Shutdown)
—
—
5
IGND
Ground Pin Current (Note 10)
VEN ≥
2.0V, IOUT = 0µA
—
95
130
µA
—
—
150
VEN ≥
2.0V, IOUT = 100µA
—
98
140
—
—
160
VEN ≥
2.0V, IOUT = 50mA
—
350
600
—
—
800
VEN ≥
2.0V, IOUT = 100mA
—
600
1000
—
—
1500
VEN ≥ 2.0V, IOUT = 150mA
—
1300
1900
—
—
2500
PSRR
Ripple Rejection
Frequency = 100Hz, IOUT = 100µA
—
75
—
dB
ILIMIT
Current Limit
VOUT = 0V
—
320
550
mA
eno
Output Noise
IOUT = 50mA, COUT = 2.2µF
100pF from BYP to GND
—
260
—
Hz
nV /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com