Electronic Components Datasheet Search
  English  ▼

X  

MCT8317A Datasheet(PDF) 118 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 118 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 114Page - Texas Instruments MCT8317A Datasheet HTML 115Page - Texas Instruments MCT8317A Datasheet HTML 116Page - Texas Instruments MCT8317A Datasheet HTML 117Page - Texas Instruments MCT8317A Datasheet HTML 118Page - Texas Instruments MCT8317A Datasheet HTML 119Page - Texas Instruments MCT8317A Datasheet HTML 120Page - Texas Instruments MCT8317A Datasheet HTML 121Page - Texas Instruments MCT8317A Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 161 page
background image
8.7.3.2 PIN_CONFIG2 Register (Offset = A8h) [Reset = 00000000h]
PIN_CONFIG2 is shown in Figure 8-69 and described in Table 8-35.
Return to the Table 8-32.
Register to configure hardware pins
Figure 8-69. PIN_CONFIG2 Register
31
30
29
28
27
26
25
24
PARITY
DAC_SOX_CONFIG
SLEEP_TIME
I2C_TARGET_ADDR
R/W-0h
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
I2C_TARGET_ADDR
DAC_OUT_EN
EXT_WD_EN
EXT_WD_INPU
T
EXT_WD_FAUL
T
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
EXT_WD_FREQ
FG_CONFIG
FG_PIN_FAULT_CONFIG
FG_PIN_STOP_CONFIG
TBLANK
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
TBLANK
TPWDTH
ZERO_DUTY_HYST
R/W-0h
R/W-0h
R/W-0h
Table 8-35. PIN_CONFIG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-29
DAC_SOX_CONFIG
R/W
0h
DAC/SOx Pin 32 Configuration
0h = DACOUT2
1h = SOA
2h = SOB
3h = SOC
28-27
SLEEP_TIME
R/W
0h
Sleep Time
0h = Check low for 50 µs
1h = Check low for 200 µs
2h = Check low for 20 ms
3h = Check low for 200 ms
26-20
I2C_TARGET_ADDR
R/W
0h
I2C target address
19
DAC_OUT_EN
R/W
0h
Enable DAC Outputs
0h = Disable
1h = Enable
18
EXT_WD_EN
R/W
0h
Enable external watchdog on pin29
0h = Disable
1h = Enable
17
EXT_WD_INPUT
R/W
0h
External watchdog source
0h = I2C
1h = GPIO
16
EXT_WD_FAULT
R/W
0h
External watchdog fault mode
0h = Report only
1h = Latched fault with Hi-Z outputs
15-14
EXT_WD_FREQ
R/W
0h
External watchdog frequency
0h = 10Hz
1h = 5Hz
2h = 2Hz
3h = 1Hz
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
118
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com