Electronic Components Datasheet Search
  English  ▼

X  

TLE6251G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6251G
Description  High Speed CAN-Transceiver with Wake Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6251G Datasheet HTML 1Page - Infineon Technologies AG TLE6251G Datasheet HTML 2Page - Infineon Technologies AG TLE6251G Datasheet HTML 3Page - Infineon Technologies AG TLE6251G Datasheet HTML 4Page - Infineon Technologies AG TLE6251G Datasheet HTML 5Page - Infineon Technologies AG TLE6251G Datasheet HTML 6Page - Infineon Technologies AG TLE6251G Datasheet HTML 7Page - Infineon Technologies AG TLE6251G Datasheet HTML 8Page - Infineon Technologies AG TLE6251G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE 6251 G
Final Data Sheet
5
Rev. 3.2, 2006-04-05
Pin Configuration
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1TxD
CAN transmit data input; 20 k
Ω pull-up, LOW in dominant state
2
GND
Ground
3
V
CC
5 V supply input; block to GND with 100 nF ceramic capacitor
4RxD
CAN receive data output; LOW in dominant state, push-pull output
stage
5
V
µC
Logic voltage level adapter input; connect to pin
V
CC for 5 V
microcontroller, connect to additional supply voltage for other logic
voltage levels, block to GND with 100 nF ceramic capacitor
6EN
Mode control input 1; internal pull-down, see Figure 6
7INH
Control output; set HIGH to activate voltage regulator; open drain
8NERR
Diagnosis output 1; error and power on indication output, push-pull
output stage
9WK
Wake-up input; bi-level sensitive
AEP03398.VSD
7
6
5
4
3
2
1
TxD
GND
V
CC
RxD
V
µC
EN
INH
8
9
10
11
12
13
14
CANH
CANL
SPLIT
WK
NERR
NSTB
V
S
TLE 6251 G
(P-DSO-14-13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com