Electronic Components Datasheet Search
  English  ▼

X  

TLE6251G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6251G
Description  High Speed CAN-Transceiver with Wake Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6251G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6251G Datasheet HTML 9Page - Infineon Technologies AG TLE6251G Datasheet HTML 10Page - Infineon Technologies AG TLE6251G Datasheet HTML 11Page - Infineon Technologies AG TLE6251G Datasheet HTML 12Page - Infineon Technologies AG TLE6251G Datasheet HTML 13Page - Infineon Technologies AG TLE6251G Datasheet HTML 14Page - Infineon Technologies AG TLE6251G Datasheet HTML 15Page - Infineon Technologies AG TLE6251G Datasheet HTML 16Page - Infineon Technologies AG TLE6251G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLE 6251 G
Final Data Sheet
13
Rev. 3.2, 2006-04-05
Split Circuit
The split circuitry is activated during normal and RxOnly mode and deactivated (SPLIT pin high
ohmic) during sleep and standby mode. The SPLIT pin is used to stabilize the recessive common
mode signal in normal mode and RxOnly mode. This is realized with a stabilized voltage of 0.5
V
CC at SPLIT.
Figure 5
Application example for the SPLIT Pin
A correct application of the SPLIT pin is shown in Figure 5. The split termination for the left and
right node is realized with two 60
Ω resistances and one 10 nF capacitor. The center node in this
example is a stub node and the recommended value for the split resistances is 1.5 k
Ω.
Diagnosis-Flags at NERR and RxD
Power-Up Flag
•
Task: to signalize a power-up state at
V
BAT
AEA03399.VSD
Split
Termination
TLE 6251 G/DS
CANH
CANL
SPLIT
10
nF
TLE 6251 G/DS
CANH
CANL
SPLIT
60
Ω
60
Ω
Split
Termination
10
nF
SPLIT
TLE 6251 G/DS
CANL
CANH
10
nF
1.5
k
Ω
1.5
k
Ω
CAN
Bus
Split
Termination
at Stub
60
Ω
60
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com