Electronic Components Datasheet Search
  English  ▼

X  

TLE6361G Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE6361G
Description  Multi-Voltage Processor Power Supply
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6361G Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE6361G Datasheet HTML 35Page - Infineon Technologies AG TLE6361G Datasheet HTML 36Page - Infineon Technologies AG TLE6361G Datasheet HTML 37Page - Infineon Technologies AG TLE6361G Datasheet HTML 38Page - Infineon Technologies AG TLE6361G Datasheet HTML 39Page - Infineon Technologies AG TLE6361G Datasheet HTML 40Page - Infineon Technologies AG TLE6361G Datasheet HTML 41Page - Infineon Technologies AG TLE6361G Datasheet HTML 42Page - Infineon Technologies AG TLE6361G Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
TLE 6361 G
Data Sheet, Rev. 1.31
39
2004-10-12
3.4.119 V
Q2 threshold
V
Th Q2
1.2
1.4
1.7
V
3.3V mode
3.4.120 V
Q2 threshold
V
Th Q2
1.2
1.4
1.7
V
2.6V mode;
1)
Window Watchdog
3.4.121 Closed
window time
tolerance
t
CW_tol
0.75
1
1.25
Multiply with
watchdog
window time set
by SPI to obtain
the limits (2.12)
3.4.122 Open
window time
tolerance
t
OW_tol
0.75
1
1.25
Multiply with
watchdog
window time set
by SPI to obtain
the limits (2.12)
3.4.123
Watchdog
reset low
time
t
WRL
t
RES
3.4.124
Watchdog
reset delay
time
t
SR
t
CW/2
Error Output ERR
3.4.125
H-output
voltage level
V
ERR,H
V
Q_LDO1
– 2.0
V
Q_LDO1
– 0.7
–V
I
ERR, H =1 mA
3.4.126
L-output
voltage level
V
ERR,L
–0.3
0.5
V
I
ERR, L =– 1.6 mA
SPI
3.4.127 SPI clock
frequency
f
CLK
02.5
MHz
Production
test
up to 1MHz;
2.5MHz 1)
SPI
Input DI
-40 < T
j <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com