Electronic Components Datasheet Search
  English  ▼

X  

TLE6361G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6361G
Description  Multi-Voltage Processor Power Supply
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6361G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6361G Datasheet HTML 1Page - Infineon Technologies AG TLE6361G Datasheet HTML 2Page - Infineon Technologies AG TLE6361G Datasheet HTML 3Page - Infineon Technologies AG TLE6361G Datasheet HTML 4Page - Infineon Technologies AG TLE6361G Datasheet HTML 5Page - Infineon Technologies AG TLE6361G Datasheet HTML 6Page - Infineon Technologies AG TLE6361G Datasheet HTML 7Page - Infineon Technologies AG TLE6361G Datasheet HTML 8Page - Infineon Technologies AG TLE6361G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
TLE 6361 G
Data Sheet, Rev. 1.31
5
2004-10-12
11
Q_T4
Voltage Tracker Output T4 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.
12
Q_T5
Voltage Tracker Output T5 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.
13
Q_T6
Voltage Tracker Output T6 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.
14
Q_LDO3
Voltage Regulator Output 3; 5V or 3.3V output; ouput voltage
is selected by pin SEL (see also 3.4.2); For stability a ceramic
capacitor of 470nF to GND is sufficient.
15
R3
Reset output 3, undervoltage detection for output Q_LDO3;
open collector output; an external pullup resistor of 10k
Ω is
required
16
R2
Reset output 2, undervoltage detection for output Q_LDO2;
open collector output; an external pullup resistor of 10k
Ω is
required
17
R1
Reset output 1, undervoltage detection for output Q_LDO1 and
watchdog failure reset; open collector output ; an external pullup
resistor of 10k
Ω is required
20
C-
Charge pump capacitor connection; Add the fly-capacitor of
100nF between C+ and C-
21
C+
Charge pump capacitor connection; Add the fly-capacitor of
100nF between C+ and C-
22
CCP
Charge Pump Storage Capacitor Output; Add the storage
capacitor of 220nF between pin CCP and GND.
23
SEL
Select Pin for output voltage adjust of Q_LDO2 and Q_LDO3
(see also 2.2.2)
24
Q_LDO2
Voltage Regulator Output 2; 3.3V or 2.6V output; output
voltage is selected by pin SEL (see also 3.4.2); For stability a
ceramic capacitor of 470nF to GND is sufficient.
25, 26
FB/L_IN
Feedback and Linear Regulator Input; input connection for
the Buck converter output
1.4
Pin definitions and functions (cont’d)
Pin No.
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com