Electronic Components Datasheet Search
  English  ▼

X  

ATSTK94 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSTK94
Description  Starter Kit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSTK94 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSTK94 Datasheet HTML 10Page - ATMEL Corporation ATSTK94 Datasheet HTML 11Page - ATMEL Corporation ATSTK94 Datasheet HTML 12Page - ATMEL Corporation ATSTK94 Datasheet HTML 13Page - ATMEL Corporation ATSTK94 Datasheet HTML 14Page - ATMEL Corporation ATSTK94 Datasheet HTML 15Page - ATMEL Corporation ATSTK94 Datasheet HTML 16Page - ATMEL Corporation ATSTK94 Datasheet HTML 17Page - ATMEL Corporation ATSTK94 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
+
-
+
-
500 mA
3.3V
Swicth as on Motherboard On Off
Red LED for Power
Power Socket as on Motherboard
VCC
P3
DCPOWER9V
LM317T1
3
2
IN
OUT
C22
100 uF
D4
1N4001
L10
LED
C21
0.1uF
R9
330
R8
2.2K
R10
3.3K
C20
1 uF
SW14
SPDT
1
2
3
ATMEL CORPORATION
Title: Power Circuits
Size: A
Document Number: CHW5454
Rev: 4
Date: Wednesday, June 27, 2001
Sheet 6\ of 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com