Electronic Components Datasheet Search
  English  ▼

X  

ATSTK94 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSTK94
Description  Starter Kit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSTK94 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSTK94 Datasheet HTML 14Page - ATMEL Corporation ATSTK94 Datasheet HTML 15Page - ATMEL Corporation ATSTK94 Datasheet HTML 16Page - ATMEL Corporation ATSTK94 Datasheet HTML 17Page - ATMEL Corporation ATSTK94 Datasheet HTML 18Page - ATMEL Corporation ATSTK94 Datasheet HTML 19Page - ATMEL Corporation ATSTK94 Datasheet HTML 20Page - ATMEL Corporation ATSTK94 Datasheet HTML 21Page - ATMEL Corporation ATSTK94 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
ATSTK94
2309B–FPSLI–01/02
30
IO
31
IO
32
IO
33
IO
34
IO
35
IO
36
FCK2(IO)
37
GND
GND
38
IO
39
IO
40
IO
41
IO
42
IO
43
IO
44
IO
45
IO
46
OTS(IO)
47
GCK2(IO)
48
AVRRESET
AVR RESET
JP19, SW12
49
GND
GND
50
M0
GND
51
No Connect
52
No Connect
53
No Connect
54
No Connect
55
VCC
56
M2
GND
57
GCK3(IO)
58
HDC(IO)
59
IO
ALPHANUMERIC 1 E
LED1 E
60
IO
ALPHANUMERIC 1 F
LED1 F
61
IO
ALPHANUMERIC 1 M
LED1 M
62
LDC(IO)
63
IO
ALPHANUMERIC 1 P
LED1 P
64
IO
ALPHANUMERIC 1
Cathode 1
LED1 Cathode 1
Table 8. Pinout and Board Connection
Pin
FPSLIC IO Type
Board Function
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com