Electronic Components Datasheet Search
  English  ▼

X  

XC164S Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # XC164S
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164S Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button XC164S Datasheet HTML 13Page - Infineon Technologies AG XC164S Datasheet HTML 14Page - Infineon Technologies AG XC164S Datasheet HTML 15Page - Infineon Technologies AG XC164S Datasheet HTML 16Page - Infineon Technologies AG XC164S Datasheet HTML 17Page - Infineon Technologies AG XC164S Datasheet HTML 18Page - Infineon Technologies AG XC164S Datasheet HTML 19Page - Infineon Technologies AG XC164S Datasheet HTML 20Page - Infineon Technologies AG XC164S Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
XC164S
Derivatives
General Device Information
Data Sheet
13
V1.0, 2005-01
PORT1
(cont’d)
P1H.0
P1H.1
P1H.2
P1H.3
P1H.4
P1H.5
P1H.6
P1H.7
89
90
91
92
93
94
95
96
IO
I
I
I/O
I
I
I/O
I
I
I/O
I
I/O
I
I
I/O
I
I/O
I
I/O
I
I/O
I
…continued…
CC6POS0 CAPCOM6: Position 0 Input,
EX0IN
Fast External Interrupt 0 Input (default pin),
CC23IO
CAPCOM2: CC23 Capture Inp./Compare Outp.
CC6POS1 CAPCOM6: Position 1 Input,
EX1IN
Fast External Interrupt 1 Input (default pin),
MRST1
SSC1 Master-Receive/Slave-Transmit In/Out.
CC6POS2 CAPCOM6: Position 2 Input,
EX2IN
Fast External Interrupt 2 Input (default pin),
MTSR1
SSC1 Master-Transmit/Slave-Receive Out/Inp.
T7IN
CAPCOM2: Timer T7 Count Input,
SCLK1
SSC1 Master Clock Output / Slave Clock Input,
EX3IN
Fast External Interrupt 3 Input (default pin),
EX0IN
Fast External Interrupt 0 Input (alternate pin A)
CC24IO
CAPCOM2: CC24 Capture Inp./Compare Outp.,
EX4IN
Fast External Interrupt 4 Input (default pin)
CC25IO
CAPCOM2: CC25 Capture Inp./Compare Outp.,
EX5IN
Fast External Interrupt 5 Input (default pin)
CC26IO
CAPCOM2: CC26 Capture Inp./Compare Outp.,
EX6IN
Fast External Interrupt 6 Input (default pin)
CC27IO
CAPCOM2: CC27 Capture Inp./Compare Outp.,
EX7IN
Fast External Interrupt 7 Input (default pin)
XTAL2
XTAL1
99
100
O
I
XTAL2:
Output of the oscillator amplifier circuit
XTAL1:
Input to the oscillator amplifier and input to
the internal clock generator
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC
Characteristics must be observed.
V
AREF
28
-
Reference voltage for the A/D converter.
V
AGND
29
-
Reference ground for the A/D converter.
V
DDI
35, 97
-
Digital Core Supply Voltage (On-Chip Modules):
+2.5 V during normal operation and idle mode.
Please refer to the Operating Conditions
Table 2
Pin Definitions and Functions (cont’d)
Symbo
l
Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com