Electronic Components Datasheet Search
  English  ▼

X  

XC164S Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # XC164S
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164S Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button XC164S Datasheet HTML 17Page - Infineon Technologies AG XC164S Datasheet HTML 18Page - Infineon Technologies AG XC164S Datasheet HTML 19Page - Infineon Technologies AG XC164S Datasheet HTML 20Page - Infineon Technologies AG XC164S Datasheet HTML 21Page - Infineon Technologies AG XC164S Datasheet HTML 22Page - Infineon Technologies AG XC164S Datasheet HTML 23Page - Infineon Technologies AG XC164S Datasheet HTML 24Page - Infineon Technologies AG XC164S Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
XC164S
Derivatives
Functional Description
Data Sheet
17
V1.0, 2005-01
so-called General Purpose Registers (GPRs).
The upper 256 bytes of the DPRAM are directly bitaddressable. When used by a GPR,
any location in the DPRAM is bitaddressable.
1024 bytes (2
× 512 bytes) of the address space are reserved for the Special Function
Register areas (SFR space and ESFR space). SFRs are wordwide registers which are
used for controlling and monitoring functions of the different on-chip units. Unused SFR
addresses are reserved for future members of the XC166 Family. Therefore, they should
either not be accessed, or written with zeros, to ensure upward compatibility.
In order to meet the needs of designs where more memory is required than is provided
on chip, up to 12 Mbytes (approximately, see Table 3) of external RAM and/or ROM can
be connected to the microcontroller. The External Bus Interface also provides access to
external peripherals.
Table 3
XC164S Memory Map
1)
1) Accesses to the shaded areas generate external bus accesses.
Address Area
Start Loc.
End Loc.
Area Size
2)
2) The areas marked with “<“ are slightly smaller than indicated, see column “Notes”.
Notes
3)
3) Not defined register locations return a trap code.
Flash register space
FF’F000
H
FF’FFFF
H
4 Kbytes
Flash only
Reserved (Acc. trap)
F8’0000
H
FF’EFFF
H
<0.5 Mbytes
Minus Flash regs
Reserved for PSRAM
E0’0800
H
F7’FFFF
H
<1.5 Mbytes
Minus PSRAM
Program SRAM
E0’0000
H
E0’07FF
H
2 Kbytes
Maximum
Reserved for pr. mem.
C2’0000
H
DF’FFFF
H
< 2 Mbytes
Minus Flash
Program Flash
C0’0000
H
C1’FFFF
H
128 Kbytes
up to 128 kbytes
Reserved
BF’0000
H
BF’FFFF
H
64 Kbytes
External memory area
40’0000
H
BE’FFFF
H
<8 Mbytes
Minus res. seg.
External IO area
4)
4) Several pipeline optimizations are not active within the external IO area. This is necessary to control external
peripherals properly.
20’0800
H
3F’FFFF
H
<2 Mbytes
Reserved
20’0000
H
20’07FF
H
2 Kbytes
External memory area
01’0000
H
1F’FFFF
H
<2 Mbytes
Minus segment 0
Data RAMs and SFRs
00’8000
H
00’FFFF
H
32 Kbytes
Partly used
External memory area
00’0000
H
00’7FFF
H
32 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com