Electronic Components Datasheet Search
  English  ▼

X  

SSX35ACB Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSX35ACB
Description  Trusted platform module (TPM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSX35ACB Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSX35ACB Datasheet HTML 6Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 7Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 8Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 9Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 10Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 11Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 12Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 13Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SSX35 Trusted platform module (TPM)
13
Figure 7-1 package drawing
Notes:
(
1) This drawing is for general information only. Please refer to JEDEC
Drawing MO-153, Variation DB for additional information.
(
2) Dimension D does not include mold Flash, protrusions or gate burrs.
Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm
(0.006 in) per side.
(
3) Dimension E1 does not include inter-lead Flash or protrusions.
Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in)
per side.
(
4) Dimension b does not include Dambar protrusion. Allowable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com