Electronic Components Datasheet Search
  English  ▼

X  

SSX35ACB Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSX35ACB
Description  Trusted platform module (TPM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSX35ACB Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSX35ACB Datasheet HTML 5Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 6Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 7Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 8Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 9Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 10Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 11Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 12Page - List of Unclassifed Manufacturers SSX35ACB Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SSX35 Trusted platform module (TPM)
9
Note: These parameters guaranteed but not tested.
Table
5-2. AC Parameters
Cl = 10pf. VCC = 3.0 to 3.6V; Temperature = 0 to 70°C
Symbol
Parameter
Min
Nom
Max
Units
TVAL
CLK to Signal Valid Delay – LAD0-3
2
5
10
ns
TON
Float to Active Delay
2
4
ns
TOFF
Active to Float Delay
28
ns
Figure 5-1 AC parameters
Table 5-3 LPC bus signal delay to PCICLK
Symbol
Parameter
Min
Nom
Max
Units
TSU
Input Setup Time to CLK
7
ns
TH
Input Hold Time from CLK
0
ns
Figure 5-2 AC parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com