Electronic Components Datasheet Search
  English  ▼

X  

LM4985TM Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985TM
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985TM Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM4985TM Datasheet HTML 19Page - National Semiconductor (TI) LM4985TM Datasheet HTML 20Page - National Semiconductor (TI) LM4985TM Datasheet HTML 21Page - National Semiconductor (TI) LM4985TM Datasheet HTML 22Page - National Semiconductor (TI) LM4985TM Datasheet HTML 23Page - National Semiconductor (TI) LM4985TM Datasheet HTML 24Page - National Semiconductor (TI) LM4985TM Datasheet HTML 25Page - National Semiconductor (TI) LM4985TM Datasheet HTML 26Page - National Semiconductor (TI) LM4985TM Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Typical Performance Characteristics (Continued)
Gain vs Volume Steps
V
CC = 3.6V, RL =32
Ω, C-CUPL
Gain vs Volume Steps
V
CC = 5V, RL =32
Ω, C-CUPL
201697G1
201697G5
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com