Electronic Components Datasheet Search
  English  ▼

X  

LM4985TM Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4985TM
Description  Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4985TM Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4985TM Datasheet HTML 21Page - National Semiconductor (TI) LM4985TM Datasheet HTML 22Page - National Semiconductor (TI) LM4985TM Datasheet HTML 23Page - National Semiconductor (TI) LM4985TM Datasheet HTML 24Page - National Semiconductor (TI) LM4985TM Datasheet HTML 25Page - National Semiconductor (TI) LM4985TM Datasheet HTML 26Page - National Semiconductor (TI) LM4985TM Datasheet HTML 27Page - National Semiconductor (TI) LM4985TM Datasheet HTML 28Page - National Semiconductor (TI) LM4985TM Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Volume Control Settings Binary Values
The minimum volume setting is set to –76dB when 00000 is loaded into the volume control register. Incrementing the volume
control register in binary fashion increases the volume control setting, reaching full scale at 11111. Table C1 shows the value of
the gain for each of the 32 binary volume control settings.
Table C1. Binary Values for the Different Volume Control Gain Settings
Gain
B4
B3
B2
B1
B0
18
11111
17
11110
16
11101
15
11100
14
11011
13
11010
12
11001
10
11000
8
10111
6
10110
4
10101
2
10100
0
10011
–2
10010
–4
10001
–6
10000
–8
01111
–10
01110
–12
01101
–14
01100
–16
01011
–18
01010
–21
01001
–24
01000
–27
00111
–30
00110
–34
00101
–38
00100
–44
00011
–52
00010
–62
00001
–76
00000
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com