Electronic Components Datasheet Search
  English  ▼

X  

AP2191A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2191A
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2191A Datasheet HTML 1Page - Diodes Incorporated AP2191A Datasheet HTML 2Page - Diodes Incorporated AP2191A Datasheet HTML 3Page - Diodes Incorporated AP2191A Datasheet HTML 4Page - Diodes Incorporated AP2191A Datasheet HTML 5Page - Diodes Incorporated AP2191A Datasheet HTML 6Page - Diodes Incorporated AP2191A Datasheet HTML 7Page - Diodes Incorporated AP2191A Datasheet HTML 8Page - Diodes Incorporated AP2191A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
4 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Electrical Characteristics (@TA = +25°C, VIN = 5V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUVLO
Input UVLO
RLOAD = 1kΩ
1.6
1.9
2.5
V
ISHDN
Input Shutdown Current
Disabled, IOUT = 0
0.5
1
A
IQ
Input Quiescent Current
Enabled, IOUT = 0
45
70
µA
ILEAK
Input Leakage Current
Disabled, OUT grounded
1
µA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5V, IREV at VIN
1
µA
RDS(ON) Switch On-Resistance
VIN = 5V,
IOUT = 1.5A
TA = +25°C
SOT25, MSOP-8EP, SO-8
95
115
mΩ
U-DFN2018-6
90
110
-40
C ≤ TA ≤ +85°C
140
VIN = 3.3V,
IOUT = 1.5A
TA = +25°C
120
140
-40
C ≤ TA ≤ +85°C
170
ISHORT
Short-Circuit Current Limit
Enabled into short circuit, CL = 100µF
2.0
A
ILIMIT
Over-Load Current Limit
VIN = 5V, VOUT = 4.5V, CL = 120µF, -40°C ≤ TA ≤ +85°C
1.6
2.1
2.6
A
ITrig
Current Limiting Trigger Threshold
Output Current Slew Rate (<100A/s) , CL = 100µF
2.6
A
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
0.8
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
2
V
ISINK
EN Input Leakage
VEN = 5V
1
µA
tD(ON)
Output Turn-On Delay Time
CL = 1µF, RLOAD = 10Ω
0.05
ms
tR
Output Turn-On Rise Time
CL = 1µF, RLOAD = 10Ω
0.6
1.5
ms
tD(OFF)
Output Turn-Off Delay Time
CL = 1µF, RLOAD = 10Ω
0.01
ms
tF
Output Turn-Off Fall Time
CL = 1µF, RLOAD = 10Ω
0.05
0.1
ms
RFLG
FLG Output FET On-Resistance
IFLG = 10mA, CL = 100µF
20
40
Ω
tBLANK
FLG Blanking Time
CIN = 10µF, CL = 100µF
4
7
15
ms
TSHDN
Thermal Shutdown Threshold
Enabled, RLOAD = 1kΩ
+140
°C
THYS
Thermal Shutdown Hysteresis
+25
°C
θJA
Thermal Resistance Junction-to-
Ambient
SO-8 (Note 5)
110
°C/W
MSOP-8EP (Note 6)
60
°C/W
SOT25 (Note 7)
157
°C/W
U-DFN2018-6 (Note 8)
70
°C/W
Notes:
5. Test condition for SO-8: Device mounted on FR-4, 2oz copper, with minimum recommended pad layout.
6. Test condition for MSOP-8EP: Device mounted on 2
” x 2” FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top layer and
thermal vias to bottom layer ground plane.
7. Test condition for SOT25: Device mounted on FR-4, 2oz copper, with minimum recommended pad layout.
8. Test condition for U-DFN2018-6: Device mounted on FR-4 2-layer board, 2oz copper, with minimum recommended pad on top layer and 3 vias to bottom
layer 1.0”x1.4” ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com