Electronic Components Datasheet Search
  English  ▼

X  

AP2191A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2191A
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191A Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2191A Datasheet HTML 1Page - Diodes Incorporated AP2191A Datasheet HTML 2Page - Diodes Incorporated AP2191A Datasheet HTML 3Page - Diodes Incorporated AP2191A Datasheet HTML 4Page - Diodes Incorporated AP2191A Datasheet HTML 5Page - Diodes Incorporated AP2191A Datasheet HTML 6Page - Diodes Incorporated AP2191A Datasheet HTML 7Page - Diodes Incorporated AP2191A Datasheet HTML 8Page - Diodes Incorporated AP2191A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
5 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Typical Performance Characteristics
VEN
90%
VOUT
tD(ON)
10%
tD(OFF)
50%
50%
tR
10%
90%
tF
VEN
90%
VOUT
tD(ON)
10%
tD(OFF)
50%
50%
tR
10%
90%
tF
Figure 1. Voltage Waveforms: AP2181A (Left), AP2191A (Right)
All Enable Plots are for AP2191A Active High
Turn-On Delay and Rise Time
400µs/div
Turn-Off Delay and Fall Time
400µs/div
Turn-On Delay and Rise Time
400µs/div
Turn-Off Delay and Fall Time
400µs/div
VOUT
2V/div
VEN
5V/div
CL = 1µF
TA = +25°C
RL = 5Ω
VOUT
2V/div
VEN
5V/div
CL = 1µF
TA = +25°C
RL = 5Ω
VOUT
2V/div
VEN
5V/div
CL = 100µF
TA = +25°C
RL = 5Ω
VOUT
2V/div
VEN
5V/div
CL = 100µF
TA = +25°C
RL = 5Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com