Electronic Components Datasheet Search
  English  ▼

X  

AP2301AS-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2301AS-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2301AS-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2301AS-13 Datasheet HTML 3Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 4Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 5Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 6Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 9Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 10Page - Diodes Incorporated AP2301AS-13 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AP2301A/AP2311A
Document number: DS37743 Rev. 2 - 2
7 of 17
www.diodes.com
February 2018
© Diodes Incorporated
AP2301A/AP2311A
Typical Performance Characteristics (Cont.)
VIN
2V/div
UVLO Decreasing
TA=25°C
VIN=5V
ROUT=2.5Ω
CL=120µF
IOUT
2A/div
VIN
2V/div
IOUT
2A/div
UVLO Increasing
TA=25°C
VIN=5V
ROUT=2.5Ω
CL=120µF
VOUT
5V/div
Short-Circuit with Blanking Time and
Recovery
IOUT
2A/div
FLG
5V/div
TA=25°C
VIN=5V
TA=25°C
VIN=5V
ROUT=2.5Ω
CL=120µF
VOUT
5V/div
FLG
5V/div
IOUT
1A/div
Power ON
VIN
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com