Electronic Components Datasheet Search
  English  ▼

X  

T72M Datasheet(PDF) 1 Page - Tyco Electronics

Part # T72M
Description  PCB Relays / Single Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T72M Datasheet(HTML) 1 Page - Tyco Electronics

  T72M Datasheet HTML 1Page - Tyco Electronics T72M Datasheet HTML 2Page - Tyco Electronics T72M Datasheet HTML 3Page - Tyco Electronics T72M Datasheet HTML 4Page - Tyco Electronics T72M Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PCB Relays
Single Relays
T72M
Please observe the disclaimer.
95
Powertrain
Systems
Chassis
Systems
Safety
Security
Body
Driver
Information
Convenience
Car Industry
Truck
Industry
Other
Industry
T72_3d02
Catalog 1308028
Revision 03-06
Revision 03-05
Description
Features
- 20 A, 16 V switching rating
- 60 A inrush at 16 V
- 15 A continuous contact rat-
ing at 105 °C
- Immersion cleanable plastic
case with nipp-off pin for
ventilation
- Low profile package has a
seated height of only 0.67"
(17 mm)
Typical applications
- Lighting controls
- Power door locks, windows,
sunroof
- Seat controls
- Remote keyless entry
- Body computer
- Wiper/washer control
- ABS/Traction control
- Body control modules
- Power sliding door
Please contact Tyco Electronics
for relay application support.
Design
Sealed, immersion cleanable
Weight
Approx. 0.4 oz. (12 g)
Nominal voltage
6 V, 12 V or 24 V
Terminals
PCB terminals, for assembling in
printed circuit boards
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23 °C ambient temperature,
20-50% RH, 29.5 ± 1.0" Hg
(998.9 ±33.9 hPa).
Please also refer to the Application
Recommendations in this catalog
for general precautions.
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of
the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and
to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without
notification. All rights of Tyco are reserved.


Similar Part No. - T72M

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T72 EUROQUARTZ-T72 Datasheet
89Kb / 1P
Very rugged TCXO
logo
Norgren Ltd
T72 NORGREN-T72 Datasheet
687Kb / 2P
T72 - EXCELON® Modular System 2/2 and 3/2 shut-off valve
03/16
logo
Powerex Power Semicondu...
T720 POWEREX-T720 Datasheet
720Kb / 4P
Phase Control SCR (450-550 Amperes 2400 Volts)
logo
Intel Corporation
T7200 INTEL-T7200 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Powerex Power Semicondu...
T7200135 POWEREX-T7200135 Datasheet
238Kb / 6P
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts)
More results

Similar Description - T72M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
General Purpose Relays PCB Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
General Purpose Relays PCB Relays
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com