Electronic Components Datasheet Search
  English  ▼

X  

T72M Datasheet(PDF) 4 Page - Tyco Electronics

Part # T72M
Description  PCB Relays / Single Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T72M Datasheet(HTML) 4 Page - Tyco Electronics

  T72M Datasheet HTML 1Page - Tyco Electronics T72M Datasheet HTML 2Page - Tyco Electronics T72M Datasheet HTML 3Page - Tyco Electronics T72M Datasheet HTML 4Page - Tyco Electronics T72M Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PCB Relays
Single Relays
T72M
Please observe the disclaimer.
98
Catalog 1308028
Revision 03-06
Revision 03-05
Ambient temperature vs. coil voltage for continuous duty
140
120
100
80
60
40
20
0
80
90
100
110
120
130
140
150
160
170
180
190
200
Applied Coil Voltage (% of Nominal Voltage)
0 A Contact Load
10 A Contact Load
15 A Contact Load
20 A Contact Load
ECR2203-F
Coil data
Available for nominal voltages
6, 12, 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
0.8 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range1)
– 40 to + 105 °C
Operate time at nominal voltage
5 ms
Release time at nominal voltage2)
2 ms
1)
See also diagram Ambient temparature vs. coil voltage for continuous duty.
2)
Measured at nominal voltage without coil suppression unit.
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Assumptions:
1. Still air
2. Nominal coil resistance
3. Maximum mean coil temperature = 155 ˚C
4. Coil temperature rise due to load
= 8 °C at 10 A
= 20 °C at 15 A
35.5 °C at 20 A
5. Curves are based on nominal coil power at 23 °C
6. When full lifetime is at high ambient and high load current,
subtract 25 °C from maximum allowable ambient temperature.
Mechanical data
Audible sound (14 V coil voltage)
95 dBA at 10 cm
77 dBA at 1 m
Enclosures
Sealed relay is suitable for immersion cleaning of PCB assembly.
Sealed
Please refer to the Application Recommendations in this catalog.
Relay may be vented after cleaning by cutting the vent protection from the corner of the
relay after processing using a razor knife or equivalent.
Operating conditions
Temperature range, storage
Refer to
Storage in the “Glossary”
Test
Relevant standard
Testing as per
Dimension
Comments
Vibration resistance
1.27 mm double amplitude
10-40 Hz
Valid for NC contacts.
5 g constant
40-70 Hz
NO contacts are
0.5 mm double amplitude
70-100 Hz
significantly higher
10 g constant
100-500 Hz
Shock resistance
half sine pulse form
11 ms
No change in the
20 g
switching state > 1 ms
Jump start
24 V for 5 minutes conducting nominal current at 23 °C
Drop test
Capable of meeting specifications after 1.0 m (3.28 foot) drop onto concrete in final enclosure
Flammability
UL94-HB or better (meets FMVSS 302)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com