Electronic Components Datasheet Search
  English  ▼

X  

74F109 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F109
Description  Positive J-K positive edge-triggered flip-flops
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F109 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F109 Datasheet HTML 1Page - NXP Semiconductors 74F109 Datasheet HTML 2Page - NXP Semiconductors 74F109 Datasheet HTML 3Page - NXP Semiconductors 74F109 Datasheet HTML 4Page - NXP Semiconductors 74F109 Datasheet HTML 5Page - NXP Semiconductors 74F109 Datasheet HTML 6Page - NXP Semiconductors 74F109 Datasheet HTML 7Page - NXP Semiconductors 74F109 Datasheet HTML 8Page - NXP Semiconductors 74F109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F109
Postive J-K positive edge-triggered flip-flops
2
October 23, 1990
853–0337 00783
FEATURE
Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F109 is a dual positive edge-triggered JK-type flip-flop
featuring individual J, K, clock, set, and reset inputs; also true and
complementary outputs. Set (SD) and reset (RD) are asynchronous
active low inputs and operate independently of the clock (CP) input.
The J and K are edge-triggered inputs which control the state
changes of the flip-flops as described in the function table. Clock
triggering occurs at a voltage level and is not directly related to the
transition time of the positive-going pulse. The J and K inputs must
be stable just one setup time prior to the low-to-high transition of the
clock for predictable operation. The JK design allows operation as a
D flip-flop by tying J and K inputs together. Although the clock input
is level sensitive, the positive transition of the clock pulse between
the 0.8V and 2.0V levels should be equal to or less than the clock to
output delay time for reliable operation.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q0
VCC
CP1
SD1
Q1
K1
RD1
J1
RD0
J0
Q0
K0
CP0
SD0
9
8
GND
Q1
SF00135
TYPE
TYPICAL fmax
TYPICAL SUPPLY CURRENT
(TOTAL)
74F109
125MHz
12.3mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
16-pin plastic DIP
N74F109N
I74F109N
SOT38-4
16-pin plastic SO
N74F109D
I74F109D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
J0, J1
J inputs
1.0/1.0
20
µA/0.6mA
K0, K1
K inputs
1.0/1.0
20
µA/0.6mA
CP0, CP1
Clock inputs (active rising edge)
1.0/1.0
20
µA/0.6mA
SD0, SD1
Set inputs (active Low)
1.0/3.0
20
µA/1.8mA
RD0, RD1
Reset inputs (active Low)
1.0/3.0
20
µA/1.8mA
Q0, Q1, Q0, Q1
Data outputs
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
J1
J0
Q0 Q0 Q1 Q1
VCC = Pin 16
GND = Pin 8
K1
K0
2 14
3 13
6
7
10
9
CP0
SD0
RD0
CP1
SD1
RD1
4
5
1
12
11
15
SF00136
IEC/IEEE SYMBOL
SF00137
7
2
4
3
1
5
14
12
13
15
11
6
10
9
1J
C1
1K
R
S
2J
C2
2K
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com