Electronic Components Datasheet Search
  English  ▼

X  

FN2500 Datasheet(PDF) 5 Page - Schaffner International Ltd

Part # FN2500
Description  Low Profile - High performance, EMC/EMI filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2500 Datasheet(HTML) 5 Page - Schaffner International Ltd

  FN2500 Datasheet HTML 1Page - Schaffner International Ltd FN2500 Datasheet HTML 2Page - Schaffner International Ltd FN2500 Datasheet HTML 3Page - Schaffner International Ltd FN2500 Datasheet HTML 4Page - Schaffner International Ltd FN2500 Datasheet HTML 5Page - Schaffner International Ltd FN2500 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
High Performance Single-Phase Filters
Schaffner Group
DATA SHEET
07. Sep 2022
For dimensions [mm] without tolerances: ISO2768-cL/EN22768-cL applies
Dimensions FN2500 - 32 A - Single-stage Filter
LOAD
LINE
88
109.4
10.7
4.2
2x
17.6
10.2
8.4
M4, Torque = 1.2 - 1.3 Nm
8.5
14.6
33.7
200
24.7
33.7
10 - 0
1
+
BN
BU
BN
BU
Terminal -103connectioncapacity:
solidorstranded
0.2- 10mm / AWG24- 8
strippinglength=11-13mm
9.6
if not otherwise stated, load side dimensions apply
GN YE
HF grounding
10.2
25
25
32.3
7.5
23
25
M4, Torque = 1.2 - 1.3 Nm
8.7
33.2
7.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com