Electronic Components Datasheet Search
  English  ▼

X  

FN2500 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2500
Description  Low Profile - High performance, EMC/EMI filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2500 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2500 Datasheet HTML 1Page - Schaffner International Ltd FN2500 Datasheet HTML 2Page - Schaffner International Ltd FN2500 Datasheet HTML 3Page - Schaffner International Ltd FN2500 Datasheet HTML 4Page - Schaffner International Ltd FN2500 Datasheet HTML 5Page - Schaffner International Ltd FN2500 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
High Performance Single-Phase Filters FN2500
Low Profile - High performance, EMC/EMI filter
Excellent EMC filter for robotics, datacenters
and a variety of other applications
Available terminals: Fast-on, wire leads, bolt
and clamps
Voltage rating up to 277 VAC / 400 VDC
Fits within 1 height unit (HU) of a 19" rack
application
50°C operating temperature
Performance indicators
standard
high
very high
Rated current [A]
32
10
FN2500
FN2520
Technical Specifications
Rated operating voltage
277 VAC / 400 VDC (CQC: 250 VAC / 250 VDC)
Operating frequency
DC to 60 Hz
Rated currents
10 to 32 A @ 50°C
Overload capability
1.5 x rated current for 1 minute once per hour
Cooling
Natural cooling AN
Climatic category
FN2500: 40/100/21 acc. IEC60068-1
FN2520: 40/085/21 acc. IEC60068-1
Flammability corresponding to
Plastic material: UL 94 V0
Laces for -07 version: UL 94 VW1
Surge withstand
2 kV Ph-Ph / 4 kV Ph-PE (Level 4)
High potential test voltage
P(DC+) –> N(DC-) 1500 VDC for 2 sec*
P(DC+)/N(DC-) –> PE 2500 VDC for 2 sec*
Altitude
Derating above 2000 m
Certified to
UL/IEC 60939-3, CSA 22.2 No. 8-13, GB/T 15287
MTBF
> 300,000 h
Protection category
IP00 / IP20 for -103 terminals
Pollution degree
2 acc. IEC 60664-1
Vibration and shock
3M12 acc. IEC 60721-3-3
Overvoltage category
II acc. IEC 60664-1
Temperature range (operation and storage)
FN2500: -40°C to +100°C (with derating >50°C)
FN2520: -40°C to +85°C (with derating >50°C)
High potential test voltage: Repetition with max. 80% of specified values
*
Approvals & Compliances
Features and Benefits
Typical Applications
FN2500 / FN2520 series fits perfectly within 1HU
height for rack mount applications
The filters are built to perform perfectly in
datacenter and audio video equipment
The shape allows convenient and space-saving
installation
Fulfills the requirements in IEC/EN 62040-1 -
Uninterruptible power systems (UPS)
Fulfills the requirements in IEC 62368-1 - Audio/
Video, Information and Communication
Technology Equipment
Fulfills the requirements in IEC/EN 60335-1 -
Household and similar appliances
Datacenter (at 400 VDC)
Building technology with DC power distribution
Robotics, collaborative robots, autonomous
machines
Audio and video equipment
UPS - Uninterruptible power supplies
Typical electrical schematic


Similar Part No. - FN2500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2500170 ETC2-FN2500170 Datasheet
244Kb / 3P
1.8V CMOS Low Jitter XO
More results

Similar Description - FN2500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9226-10-02 ETC2-FN9226-10-02 Datasheet
239Kb / 4P
HF Performance EMC/EMI Filter
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-9226 SCHAFFNER-FN-9226 Datasheet
1Mb / 4P
HF Performance EMC/EMI Filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
FN-9233-E SCHAFFNER-FN-9233-E Datasheet
500Kb / 7P
High Performance EMC/EMI Filter with Earth Line Choke
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
Excellent Performance EMC/EMI Filter
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com