Electronic Components Datasheet Search
  English  ▼

X  

54ALS86 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ALS86
Description  Advanced Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ALS86 Datasheet(HTML) 2 Page - Silicon Supplies

  54ALS86 Datasheet HTML 1Page - Silicon Supplies 54ALS86 Datasheet HTML 2Page - Silicon Supplies 54ALS86 Datasheet HTML 3Page - Silicon Supplies 54ALS86 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
d
Advanced Low Power Schottky Logic – 54ALS86
Rev 1.0
01/11/22
Pad Layout and Functions
COORDINATES
(mm)
1500µm (59.06 mils)
PAD
FUNCTION
0,0
X
Y
1
1A
0.100
0.405
2
1B
0.100
0.175
3
1Y
0.495
0.100
4
2A
0.725
0.100
5
2B
0.955
0.100
6
2Y
1.245
0.100
7
GND
1.235
0.575
8
3Y
1.235
0.805
9
3A
1.235
1.075
10
3B
0.753
1.075
11
4Y
0.525
1.075
12
4A
0.270
1.075
13
4B
0.100
0.865
14
VCC
0.100
0.635
CONNECT CHIP BACK TO GND
12
11
10
9
13
14
2
3
4
5
8
7
6
1
Logic Diagram
DIE ID
Pad 14 = VCC
Pad 7 = GND
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
H
H
H
L
H
H
L
Y = A ⊕ B
= AB + AB
H = High level (steady state)
L = Low level (steady state)
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com