Electronic Components Datasheet Search
  English  ▼

X  

74F132 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F132
Description  Quad 2-input NAND Schmitt trigger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F132 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F132 Datasheet HTML 1Page - NXP Semiconductors 74F132 Datasheet HTML 2Page - NXP Semiconductors 74F132 Datasheet HTML 3Page - NXP Semiconductors 74F132 Datasheet HTML 4Page - NXP Semiconductors 74F132 Datasheet HTML 5Page - NXP Semiconductors 74F132 Datasheet HTML 6Page - NXP Semiconductors 74F132 Datasheet HTML 7Page - NXP Semiconductors 74F132 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F132
Quad 2-input NAND Schmitt trigger
1991 Jun 26
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VT+
Positive-going threshold
VCC = 5.0V
1.5
1.7
2.0
V
VT–
Negative-going threshold–
VCC = 5.0V
0.7
0.9
1.1
V
nVT
Hysteresis (VT+ – VT–)
VCC = 5.0V
0.4
0.8
V
VO
High level output voltage
VCC = MIN,
±10%VCC
2.5
V
VOH
High-level output voltage
VI=VT–MAX, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN,
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VI=VT+MAX, IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
IT+
Input current at positive-going threshold
VCC = 5.0V, VI=VT+
0
µA
IT–
Input current at negative-going threshold
VCC = 5.0V, VI=VT–
–350
µA
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VI N= GND
8.5
12.0
mA
ICC
Supply current (total)
ICCL
VCC = MAX
VIN = 4.5V
13.0
19.5
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com