Electronic Components Datasheet Search
  English  ▼

X  

IS25C01 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25C01
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25C01 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
Write Protect (
WP
WP
WP
WP
WP): The purpose of this input signal is
to initiate Hardware Write Protection mode. This mode
prevents the 128 byte array or the Status Register from
being altered. To cause Hardware Write Protection,
WP
must be Low.
WP may be hardwired to Vcc or GND.
HOLD (
HOLD
HOLD
HOLD
HOLD
HOLD): This input signal is used to suspend the
device in the middle of a serial sequence and temporarily
ignore further communication on the bus (SI, SO, SCK).
Together with Chip Select, the
HOLD signal allows
multiple slaves to share the bus. The
HOLD signal
transitions must occur only when SCK is Low, and be
held stable during SCK transitions. (See Figure 8 for
Hold timing) To disable this feature,
HOLD may be
hardwired to Vcc.
PIN DESCRIPTIONS
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power
WP
Write Protect
HOLD
Suspends Serial Input
NC
No Connect
PIN DESCRIPTIONS
Serial Clock (SCK): This timing signal provides syn-
chronization between the microcontroller and IS25C01.
Op-Codes, byte addresses, and data are latched on SI
with a rising edge of the SCK. Data on SO is refreshed
on the falling edge of SCK for SPI modes (0,0) and (1,1).
Serial Data Input (SI): This is the input pin for all data
that the IS25C01 is required to receive.
Serial Data Output (SO): This is the output pin for all
data transmitted from the IS25C01.
PIN CONFIGURATION
8-Pin DIP, TSSOP, and SOIC
Chip Select (
CS
CS
CS
CS
CS): The CS pin activates the device.
Upon power-up,
CS should follow Vcc. When the device
is to be enabled for instruction input, the signal requires
a High-to-Low transition. While
CS is stable Low, the
master and slave will communicate via SCK, SI, and SO
signals. Upon completion of communication,
CS must
be driven High. At this moment, the slave device may
start its internal write cycle. When
CS is high, the
device enters a power-saving standby mode, unless an
internal write operation is underway. During this mode,
the SO pin becomes high impedance.
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com