Electronic Components Datasheet Search
  English  ▼

X  

IS25C01 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25C01
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25C01 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
WRITE ENABLE (WREN)
When Vcc is initially applied, the device powers up with
both status register and entire array in a write-disabled
state. Upon completion of Write Disable (WRDI), Write
Status Register (WRSR), or Write Data to Array
(WRITE), the device resets the WEN bit in the Status
Register to 0. Prior to any data modification, a WREN
instruction is necessary to set WEN to 1. (See Figure 2
for timing).
WRITE DISABLE (WRDI)
The device can be completely protected from modifica-
tion by resetting WEN to 0 through the WRDI instruc-
tion. (See Figure 3 for timing).
READ STATUS REGISTER (RDSR)
The Read Status instruction indicates the status of the
Block Protection setting (see Table 2), the Write Enable
state, and the
RDY status. RDSR is the only instruction
accepted when a write cycle is underway. It is recom-
mended that the status of
RDY be checked, especially
prior to an attempted modification of data. The 8 bits of
the Status Register can be repeatedly output on SO
after the initial Op-code. (See Figure 4 for timing).
Table 3. Instruction Set
Name
Op-code
Operation
Address
Data(SI)
Data (SO)
WREN
0000 X110
Set Write Enable Latch
-
--
WRDI
0000 X100
Reset Write Enable Latch
-
-
-
RDSR
0000 X101
Read Status Register
-
-
D7-D0,...
WRSR
0000 X001
Write Status Register
-
D7-D0
-
READ
0000 X011
Read Data from Array
A7-A0
-D7-D0,...
WRITE 0000 X010
Write Data to Array
A7-A0
D7-D0,...
-
DEVICE OPERATION
The operations of the IS25C01 is controlled by a set of instructions that are clocked-in serially SI pin. (See Table 3). To
begin an instruction, the chip select (
CS) should be dropped Low. Subsequently, each Low-to-High transition of the
clock (SK) will latch a stable value on the SI pin. After the 8-bit op-code, it may be appropriate to continue to input an
address or data to SI, or to output data from SO. During data output, values appear on the falling edge of SK. All bits
are transferred with MSB first. Upon the last bit of communication, but prior to any following Low-to-High transition of
SK,
CS should be raised High to end the transaction. The device then would enter Standby Mode if no internal pro-
gramming were underway.
1. X = Don’t care bit. For consistency, it is best to use “0”.
2. A
7 = X.
3. If the bits clocked-in for an op-code are invalid, SO remains high impedance, and upon CS going High there is no
affect. A valid op-code with an invalid number of bits clocked-in for address or data will cause an attempt to modify the
array or Status Register to be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com