Electronic Components Datasheet Search
  English  ▼

X  

TLE4929C Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 8Page - Infineon Technologies AG TLE4929C Datasheet HTML 9Page - Infineon Technologies AG TLE4929C Datasheet HTML 10Page - Infineon Technologies AG TLE4929C Datasheet HTML 11Page - Infineon Technologies AG TLE4929C Datasheet HTML 12Page - Infineon Technologies AG TLE4929C Datasheet HTML 13Page - Infineon Technologies AG TLE4929C Datasheet HTML 14Page - Infineon Technologies AG TLE4929C Datasheet HTML 15Page - Infineon Technologies AG TLE4929C Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
12
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
– starts after supply release
–lasts tpower-on (power-on time)
– IC loads configuration and settings from EEPROM and initializes state machines and signal path
–output is locked HIGH
•Initial phase (Figure 5 ”uncalibrated mode”)
– starts after Power-on phase
– lasts one clock cycle
– IC enables output switching, extrema detection and threshold adaption
• Calibration phase 1 (Figure 5 ”calibrated mode”)
– starts after Initial phase
– lasts until the sensor has observed 3 mangetic edges (maximum 4 magnetic edges) and is able to
perform the most likely final threshold update needed for transition to “Calibration Phase 2”.
– IC performs fast adaptation of the threshold according to the application magnetic field
– initial and second switching (uncalibrated mode)of the output is performed according to the detected
field change of the differential magnetic field
– length of the output-pulse is derived from the center Hall probe (direction signal) sampled at the zero-
crossing of the differential outer Hall probes (speed signal)
– length of the very first pulse is “forward-pulse” according to choosen protocol in EEPROM (direction
information is not valid at this time)
• Calibration phase 2
– starts after “Calibration Phase 1”
– lasts until the sensor has reached final offset-calibration which is minimum 5 teeth / maximum 64 teeth
(pole-pairs) according to choosen alorithm in EEPROM
– IC performs slow and accurate adaptation of the threshold according to the application magnetic field
– output switching (calibrated mode) is performed according to magnetic zero-crossing of the
differential magnetic field
– length of the output-pulse is derived from the center Hall probe (direction signal) sampled at the zero-
crossing of the differential outer Hall probes (speed signal)
• Running phase
– starts after “Calibration Phase 2”
– lasts indefinitely if no special condition is triggered (see Chapter 3.7)
– performs a filter algorithm in order to maintain superior phase accuracy and improved jitter
– output switches according to the threshold value, according to the hidden hysteresis algorithm and
according to the choosen output-protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com