Electronic Components Datasheet Search
  English  ▼

X  

TLE4929C Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4929C
Description  TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4929C Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4929C Datasheet HTML 16Page - Infineon Technologies AG TLE4929C Datasheet HTML 17Page - Infineon Technologies AG TLE4929C Datasheet HTML 18Page - Infineon Technologies AG TLE4929C Datasheet HTML 19Page - Infineon Technologies AG TLE4929C Datasheet HTML 20Page - Infineon Technologies AG TLE4929C Datasheet HTML 21Page - Infineon Technologies AG TLE4929C Datasheet HTML 22Page - Infineon Technologies AG TLE4929C Datasheet HTML 23Page - Infineon Technologies AG TLE4929C Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
20
1.10
2018-09-13
TLE4929C Crankshaft Sensor
Fully Programmable Crankshaft Sensor
Figure 18
Signal output in setting “EDGE_POLAR = 0” and “FORWARD_DEF” = 1
The TLE4929C is preprogrammed and has locked EEPROM. In Figure 18 the behavior is pictured when
following conditions are met:
• Backbias magnet is attached with magnetic north pole to the back of TLE4929C. (pictured in left part of
Figure 3.
• Forward-pulses (crank forward pulse-length = 45µsec) are issued when toothed wheel moves from
package-pin 3 (“Q”) to packape-pin 1 (“VDD”).
• Backard-pulses (crank reverse pulse-length = 90µsec) are issued when toothed wheel moves from
package-pin 1(“VDD”) to packape-pin 3 (“Q”).
• The pulse is issued in the middle of the tooth of the toothed wheel.
3.6
System Watchdog
The system watchdog is monitoring following parts in the digital core and at the output:
• Finding valid maxim in the speed signal
• Finding valid minim in the speed signal
• Finding valid zero-crossing of the speed signal
• Monitoring the output switching
As long the speed signal and the corresponding output switching is fine the system watchdog will reset itself
automatically at every output-switching. As soon the system watchdog detects valid maximum, valid
minimum and valid zero-crossing without a switching event at the output, the system watchdog will increase
its counter. Switching of the output sets the counter to zero. When the counter reaches its limit the offset will
be reset.
The advantage of this system watchdog is to avoid “flat line” behavior at the output. Once there happened a
massive event in the sensing system (i.e. hit on the tooth, sudden air gap jump, ...), the TLE4929C is able to
recover itself. The system watchdog can be enabled by EEPROM setting “WATCH_DOG_EN”.
3.7
Stop Start Watchdog
The Stop Start watchdog allows TLE4929C to stay calibrated as much as possible during stand-still of the
target wheel and a possible temperature-drift of 60K. It can be enabled by EEPROM-option.
Basically the Stop Start watchdog is a time-out of 1.4 seconds. After 1.4 seconds time out between two zero
crossing of the speed channel (crankshaft wheel stopped) the Stop Start Watchdog will enter active state. No
output switching is enabled during active watchdog state. After a signal-change in speed channel above DNC
within 1.4 seconds (crankshaft wheel rotates) the TLE4929C will use known signal-amplitude and perform
output-switching with the new switching threshold at the new temperature.
At standstill of the target wheel the stop start watchdog will enable TLE4929C to not issue any wrong pulse at
the output:
• No additional pulses
• No missing pulses
Speed
Direction
Rotation direction CW:
Output „Q“
CW
Rotational
Change
Notch
CW
N
Notch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com