Electronic Components Datasheet Search
  English  ▼

X  

LM4941 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4941 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4941 Datasheet HTML 1Page - National Semiconductor (TI) LM4941 Datasheet HTML 2Page - National Semiconductor (TI) LM4941 Datasheet HTML 3Page - National Semiconductor (TI) LM4941 Datasheet HTML 4Page - National Semiconductor (TI) LM4941 Datasheet HTML 5Page - National Semiconductor (TI) LM4941 Datasheet HTML 6Page - National Semiconductor (TI) LM4941 Datasheet HTML 7Page - National Semiconductor (TI) LM4941 Datasheet HTML 8Page - National Semiconductor (TI) LM4941 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4941
1.25 Watt Fully Differential Audio Power Amplifier With
RF Suppression and Shutdown
General Description
The LM4941 is a fully differential audio power amplifier
primarily designed for demanding applications in mobile
phones and other portable communication device applica-
tions. It is capable of delivering 1.25 watts of continuous
average power to a 8
Ω load with less than 1% distortion
(THD+N) from a 5V
DC power supply. The LM4941 does not
require output coupling capacitors or bootstrap capacitors,
and therefore is ideally suited for mobile phone and other low
voltage applications where minimal power consumption is a
primary requirement.
The LM4941 also features proprietary internal circuitry that
suppresses the coupling of RF signals into the chip. This is
important because certain types of RF signals (such as
GSM) can couple into audio amplifiers in such a way that
part of the signal is heard through the speaker. The RF
suppression circuitry in the LM4941 makes it well-suited for
portable applications in which strong RF signals generated
by an antenna from or a cellular phone or other portable
electronic device may couple audibly into the amplifier.
Other features include a low-power consumption shutdown
mode, internal thermal shutdown protection, and advanced
pop & click circuitry.
Key Specifications
j Improved PSRR at 217Hz
95dB (typ)
j Power Output at 5.0V @ 1% THD (8
Ω)
1.25W (typ)
j Power Output at 3.3V @ 1% THD
550mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
Improved RF suppression, by up to 20dB over previous
designs in selected applications
n
Fully differential amplification
n
Available in space-saving micro SMD package
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 100pF
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.4 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20170303
FIGURE 1. Typical Audio Amplifier Application Circuit
June 2006
© 2006 National Semiconductor Corporation
DS201703
www.national.com


Similar Part No. - LM4941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI2-LM4941 Datasheet
635Kb / 23P
LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
REVISED MAY 2013
LM4941SD/NOPB TI1-LM4941SD/NOPB Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SD/NOPB TI2-LM4941SD/NOPB Datasheet
635Kb / 23P
LM4941 1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
REVISED MAY 2013
More results

Similar Description - LM4941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com