Electronic Components Datasheet Search
  English  ▼

X  

2857/1 Datasheet(PDF) 2 Page - Alpha Wire

Part # 2857/1
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2857/1 Datasheet(HTML) 2 Page - Alpha Wire

  2857/1 Datasheet HTML 1Page - Alpha Wire 2857/1 Datasheet HTML 2Page - Alpha Wire 2857/1 Datasheet HTML 3Page - Alpha Wire 2857/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Other
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-60 to 200°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
12.8 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Inductance
0.04 μH/ft, Nominal
3) Conductor DCR
6.4 Ω/1000ft @20°C, Nominal
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
6.5 x 4 x 2.5 Max. 3 separate pieces; Min length/piece
100 FT.
b) 100 FT
2.75 x 2 x 1.125 Continuous length
[Spool dimensions may vary slightly]
Notes:
a) Certain colors and put-up combinations may only be available by special order, minimums may apply.
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication,
information and specifications described herein are subject to errors or omissions and to changes without notice, and
the listing of such information and specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties,
whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential,
indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha had been advised of the possibility of
such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection
with the use, or inability to use, the information or specifications described herein.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com