Electronic Components Datasheet Search
  English  ▼

X  

2857/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2857/1
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2857/1 Datasheet(HTML) 1 Page - Alpha Wire

  2857/1 Datasheet HTML 1Page - Alpha Wire 2857/1 Datasheet HTML 2Page - Alpha Wire 2857/1 Datasheet HTML 3Page - Alpha Wire 2857/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2857/1
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
18 (SOLID) AWG Silver Plated
Copper
0.040
b) Insulation
0.0105" Wall, Nom. PTFE
0.061+/- 0.005
(1) Color(s)
WHITE, BLACK, RED
1) UL
AWM/STYLE 1213
105°C
VW-1
2) Military
MIL-W-16878/4 (Type E)
200°C / 600 VRMS
3) Other
NEMA HP3-EXBHA
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances
in electrical and electronic equipment.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on


Similar Part No. - 2857/1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
logo
Heyco.
2857 HEYCO-2857 Datasheet
102Kb / 1P
Shorty Bushings
2857 HEYCO-2857 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
2857-533-000-001 WAGO-2857-533-000-001 Datasheet
585Kb / 10P
Threshold value switches; RTD sensors; 1 make contact
06.10.2021
More results

Similar Description - 2857/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com