Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8576DU/DA
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DU/DA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8576DU/DA Datasheet HTML 7Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 8Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 9Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 10Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 11Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 12Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 13Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 14Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
2004 Dec 22
11
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
Table 2
Discrimination ratios
6.4
LCD drive mode waveforms
6.4.1
STATIC DRIVE MODE
The static LCD drive mode is used when a single backplane is provided in the LCD. The backplane (BPn) and segment
drive (Sn) waveforms for this mode are shown in Fig.4.
LCD DRIVE MODE
NUMBER OF
LCD BIAS
CONFIGURATION
BACKPLANES
LEVELS
static
1
2
static
0
1
∞
1 : 2 multiplex
2
3
1
⁄2
0.354
0.791
2.236
1 : 2 multiplex
2
4
1
⁄3
0.333
0.745
2.236
1 : 3 multiplex
3
4
1
⁄3
0.333
0.638
1.915
1 : 4 multiplex
4
4
1
⁄3
0.333
0.577
1.732
V
off(rms)
V
lcd
---------------------
V
on(rms)
V
lcd
---------------------
D
V
on(rms)
V
off(rms)
---------------------
=
handbook, full pagewidth
MGL745
VSS
VLCD
VSS
VLCD
VSS
VLCD
VLCD
−VLCD
−VLCD
VLCD
state 1
0 V
BP0
Sn
Sn + 1
state 2
0 V
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 1
(on)
state 2
(off)
Tframe
Fig.6 Static drive mode waveforms.
V
on(rms)
V
LCD
=
V
state2 t
()
V
S
n1
+
t
()
V
BP0 t
()
–
=
V
off(rms)
0V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com