Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8576DU/DA
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DU/DA Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8576DU/DA Datasheet HTML 14Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 15Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 16Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 17Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 18Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 19Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/DA Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
2004 Dec 22
18
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
6.14
Input bank selector
The input bank selector loads display data into the display
RAM in accordance with the selected LCD drive
configuration. The BANK SELECT command can be used
to load display data in bit 2 in static drive mode or in
bits 2 and 3 in 1 : 2 mode. The input bank selector
functions are independent of the output bank selector.
6.15
Blinker
The PCF8576D has a very versatile display blinking
capability. The whole display can blink at a frequency
selected by the BLINK command. Each blink frequency is
a multiple integer value of the clock frequency; the ratio
between the clock frequency and blink frequency depends
on the blink mode selected, as shown in Table 3.
An additional feature allows an arbitrary selection of LCD
segments to be blinked in the static and 1 : 2 drive modes.
This is implemented without any communication
overheads by the output bank selector which alternates
the displayed data between the data in the display RAM
bank and the data in an alternative RAM bank at the blink
frequency. This mode can also be implemented by the
BLINK command.
In the 1 : 3 and 1 : 4 drive modes, where no alternative
RAM bank is available, groups of LCD segments can be
blinked by selectively changing the display RAM data at
fixed time intervals.
The entire display can be blinked at a frequency other than
the nominal blink frequency by sequentially resetting and
setting the display enable bit E at the required rate using
the MODE SET command.
Table 3
Blinking frequencies
Note
1. Blink modes 0.5, 1 and 2 Hz, and nominal blink frequencies 0.5, 1 and 2 Hz correspond to an oscillator frequency
(fCLK) of 1536 Hz at pin CLK. The oscillator frequency range is given in Chapter 11.
BLINK MODE
NORMAL OPERATING MODE
RATIO
NOMINAL BLINK FREQUENCY
Off
−
blinking off
2Hz
2Hz
1Hz
1Hz
0.5 Hz
0.5 Hz
f
CLK
768
-----------
f
CLK
1536
-------------
f
CLK
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com