Electronic Components Datasheet Search
  English  ▼

X  

PCKEP14D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCKEP14D
Description  2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCKEP14D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCKEP14D Datasheet HTML 7Page - NXP Semiconductors PCKEP14D Datasheet HTML 8Page - NXP Semiconductors PCKEP14D Datasheet HTML 9Page - NXP Semiconductors PCKEP14D Datasheet HTML 10Page - NXP Semiconductors PCKEP14D Datasheet HTML 11Page - NXP Semiconductors PCKEP14D Datasheet HTML 12Page - NXP Semiconductors PCKEP14D Datasheet HTML 13Page - NXP Semiconductors PCKEP14D Datasheet HTML 14Page - NXP Semiconductors PCKEP14D Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Philips Semiconductors
PCKEP14
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Product data
Rev. 01 — 30 October 2002
13 of 15
9397 750 09565
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
During placement and before soldering, the package must be fixed with a droplet of
adhesive. The adhesive can be applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the adhesive is cured.
Typical dwell time is 4 seconds at 250
°C. A mildly-activated flux will eliminate the
need for removal of corrosive residues in most applications.
13.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low
voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time
must be limited to 10 seconds at up to 300
°C.
When using a dedicated tool, all other leads can be soldered in one operation within
2 to 5 seconds between 270 and 320
°C.
13.5 Package related soldering information
[1]
For more detailed information on the BGA packages refer to the
(LF)BGA Application Note
(AN01026); order a copy from your Philips Semiconductors sales office.
[2]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal
or external package cracks may occur due to vaporization of the moisture in them (the so called
popcorn effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated
Circuit Packages; Section: Packing Methods.
[3]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom
side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with
the heatsink on the top side, the solder might be deposited on the heatsink surface.
[4]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[5]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it
is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[6]
Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
14. Revision history
Table 11:
Suitability of surface mount IC packages for wave and reflow soldering
methods
Package[1]
Soldering method
Wave
Reflow[2]
BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA
not suitable
suitable
HBCC, HBGA, HLQFP, HSQFP, HSOP,
HTQFP, HTSSOP, HVQFN, HVSON, SMS
not suitable[3]
suitable
PLCC[4], SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended[4][5]
suitable
SSOP, TSSOP, VSO
not recommended[6]
suitable
Table 12:
Revision history
Rev Date
CPCN
Description
01
20021030
-
Product data (9397 750 09565)
Engineering Change Notice 853-2373 28877 (date: 20020909)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com