Electronic Components Datasheet Search
  English  ▼

X  

AP3602A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3602A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3602A Datasheet HTML 1Page - Diodes Incorporated AP3602A Datasheet HTML 2Page - Diodes Incorporated AP3602A Datasheet HTML 3Page - Diodes Incorporated AP3602A Datasheet HTML 4Page - Diodes Incorporated AP3602A Datasheet HTML 5Page - Diodes Incorporated AP3602A Datasheet HTML 6Page - Diodes Incorporated AP3602A Datasheet HTML 7Page - Diodes Incorporated AP3602A Datasheet HTML 8Page - Diodes Incorporated AP3602A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3602A
Pin Descriptions
Pin Number
Package Name
Function
1
VOUT
Regulated Output Voltage. VOUT should be bypassed with a 1µF to 22µF low ESR ceramic
capacitor, which is placed as close to the pin as possible for best performance
2
GND
Ground. GND should be tied to a ground plane for best performance. The COUT and CIN should
be placed as close to this pin as possible
3
SHDN
Active Low Shutdown Input. A low signal on SHDN disables the AP3602A, while a high signal
enables the AP3602A. SHDN pin must not be allowed to float
4
C
Flying Capacitor Negative Terminal. The flying capacitor should be placed as close to this pin
as possible
5
VIN
Input Supply Voltage. VIN should be bypassed with a 1µF to 22µF low ESR ceramic capacitor
which is placed as close to the pin as possible for best performance
6
C+
Flying Capacitor Positive Terminal. The flying capacitor should be placed as close to this pin as
possible
AP3602A
Document number: DS36841 Rev. 4 - 2
2 of 11
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com