Electronic Components Datasheet Search
  English  ▼

X  

AP3602A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3602A Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3602A Datasheet HTML 1Page - Diodes Incorporated AP3602A Datasheet HTML 2Page - Diodes Incorporated AP3602A Datasheet HTML 3Page - Diodes Incorporated AP3602A Datasheet HTML 4Page - Diodes Incorporated AP3602A Datasheet HTML 5Page - Diodes Incorporated AP3602A Datasheet HTML 6Page - Diodes Incorporated AP3602A Datasheet HTML 7Page - Diodes Incorporated AP3602A Datasheet HTML 8Page - Diodes Incorporated AP3602A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP3602A
Functional Block Diagram
3
5
4
2
1
1.25V
OSC
6
S3
S4
S1
S2
COMP
EN
R1
R2
CONTROL
+ -
OTP
C+
C-
VOUT
GND
VIN
SHDN
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
7
V
VO
Output Voltage
7
V
VSHDN
SHDN Pin Voltage
7
V
ϴJA
Thermal Resistance (Junction to Ambient, no Heat sink)
300
°C/W
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
–
ESD (Human Body Model)
2000
V
Note
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5
V
TA
Operating Temperature
-40
+85
°C
AP3602A
Document number: DS36841 Rev. 4 - 2
3 of 11
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com