Electronic Components Datasheet Search
  English  ▼

X  

AP7179D Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7179D
Description  3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7179D Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7179D Datasheet HTML 9Page - Diodes Incorporated AP7179D Datasheet HTML 10Page - Diodes Incorporated AP7179D Datasheet HTML 11Page - Diodes Incorporated AP7179D Datasheet HTML 12Page - Diodes Incorporated AP7179D Datasheet HTML 13Page - Diodes Incorporated AP7179D Datasheet HTML 14Page - Diodes Incorporated AP7179D Datasheet HTML 15Page - Diodes Incorporated AP7179D Datasheet HTML 16Page - Diodes Incorporated AP7179D Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AP7179D
Document number: DS42129 Rev. 2 - 2
13 of 20
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AP7179D
Typical Performance Characteristics (continued)
At TA = 25°C, VIN = 1.1 V or VIN = VOUT(NOM) + 0.3 V (whichever is greater), VOUT(NOM) = 0.8 V, VEN = 1V, CIN = 10μF,
COUT = 47μF, CNR/SS = 0nF, CFF = 0nF, and PG pin pulled up to VIN with 100kΩ (unless otherwise noted)
-40℃
25℃
85℃
125℃
V
IT(PG)
Rising, V
IN
=6.5V
V
IT(PG)
Rising, V
IN
=1.4V
V
IT(PG)
Falling, V
IN
=1.4V
V
IT(PG)
Falling, V
IN
=6.5V
-40℃
25℃
85℃
125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com