Electronic Components Datasheet Search
  English  ▼

X  

AP7179D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7179D
Description  3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7179D Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7179D Datasheet HTML 1Page - Diodes Incorporated AP7179D Datasheet HTML 2Page - Diodes Incorporated AP7179D Datasheet HTML 3Page - Diodes Incorporated AP7179D Datasheet HTML 4Page - Diodes Incorporated AP7179D Datasheet HTML 5Page - Diodes Incorporated AP7179D Datasheet HTML 6Page - Diodes Incorporated AP7179D Datasheet HTML 7Page - Diodes Incorporated AP7179D Datasheet HTML 8Page - Diodes Incorporated AP7179D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AP7179D
Document number: DS42129 Rev. 2 - 2
2 of 20
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AP7179D
Typical Applications Circuit
AP7179D
IN
CIN
47
μ F
PG
OUT
FB
R1
R2
CFF
COUT
47
μ F
VOUT
Power Good
GND
VIN
R3
ON
EN
OFF
VEN
NR/SS
CNR/SS
100k
Ω
10nF
10nF
VOUT = VFB (1 +
������1
������2
)
Figure 1. Configuration Circuit for VOUT Adjusted by a Resistive Divider
Table 1. Recommended Feedback-Resistor Values
AP7179D
IN
CIN
47
μ F
PG
OUT
FB
CFF
COUT
47
μ F
VOUT
Power Good
GND
VIN
R3
ON
EN
OFF
VEN
NR/SS
CNR/SS
SNS
800mV
400mV
200mV
100mV
50mV
1.6V
100k
Ω
10nF
10nF
VOUT = VREF + 50mV + 400mV = 0.8V + 50mV + 400mV = 1.25V
Figure 2. Configuration Circuit for VOUT Adjusted via PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com