Electronic Components Datasheet Search
  English  ▼

X  

74F173 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F173
Description  Quad D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F173 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F173 Datasheet HTML 1Page - NXP Semiconductors 74F173 Datasheet HTML 2Page - NXP Semiconductors 74F173 Datasheet HTML 3Page - NXP Semiconductors 74F173 Datasheet HTML 4Page - NXP Semiconductors 74F173 Datasheet HTML 5Page - NXP Semiconductors 74F173 Datasheet HTML 6Page - NXP Semiconductors 74F173 Datasheet HTML 7Page - NXP Semiconductors 74F173 Datasheet HTML 8Page - NXP Semiconductors 74F173 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F173
Quad D-type flip–flop (3-State)
August 31, 1990
3
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
OE0
OE1
Q0
Q1
Q2
Q3
CP
GND
MR
D0
D3
D2
Q2
E1
E0
SF00290
LOGIC SYMBOL
Q0 Q1 Q2 Q3
VCC = Pin 16
GND = Pin 8
D0 D1 D2 D3
14 13 12 11
E0
E1
CP
MR
OE0
OE1
9
10
7
15
1
2
3456
SF00291
IEC/IEEE SYMBOL
14
13
12
11
&
9
10
7
1
2
15
1D
C1
&
R
3
4
5
6
EN
SF00292
FUNCTION TABLE
INPUTS
OUTPUTS
OUTPUTS
MR
CP
E0
E1
Dn
Qn (register)
H
X
X
X
X
L
Reset (clear)
L
↑
l
l
l
L
Parallel load
L
↑
l
l
h
H
L
X
h
X
X
qn
Hold (do nothing)
L
X
X
h
X
qn
Notes to function table
H = High–voltage level
h
= High state one setup time before the low–to–high clock transition
L
= Low–voltage level
l
= Low state one setup time before the low–to–high clock transition
qn = Lower case letters indicate the state of the referenced input (or output) on setup time prior to the low–to–high clock transition
X = Don’t care
↑ = Low–to–high clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com