Electronic Components Datasheet Search
  English  ▼

X  

74F173 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F173
Description  Quad D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F173 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F173 Datasheet HTML 1Page - NXP Semiconductors 74F173 Datasheet HTML 2Page - NXP Semiconductors 74F173 Datasheet HTML 3Page - NXP Semiconductors 74F173 Datasheet HTML 4Page - NXP Semiconductors 74F173 Datasheet HTML 5Page - NXP Semiconductors 74F173 Datasheet HTML 6Page - NXP Semiconductors 74F173 Datasheet HTML 7Page - NXP Semiconductors 74F173 Datasheet HTML 8Page - NXP Semiconductors 74F173 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F173
Quad D-type flip–flop (3-State)
August 31, 1990
4
FUNCTION TABLE
INPUTS
OUTPUTS
OUTPUTS
Qn (register)
OE0
OE1
Qn
L
L
L
L
Read
H
L
L
H
X
H
X
Z
Disabled
X
X
H
Z
Notes to function table
H = High–voltage level
L
= Low–voltage level
X = Don’t care
Z = High impedance ”off” state
LOGIC DIAGRAM
VCC = Pin 16
GND = Pin 8
D
CP
Q
Q0
3
D0
14
MR
15
Q
RD
D
CP
Q
Q1
4
D1
13
Q
RD
D
CP
Q
Q2
5
D2
12
Q
RD
D
CP
Q
Q3
6
D3
11
Q
RD
1
2
OE0
OE1
E0
E1
9
10
CP
7
SF00293
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
96
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com