Electronic Components Datasheet Search
  English  ▼

X  

2SC5706 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC5706
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC5706 Datasheet(HTML) 1 Page - Weitron Technology

  2SC5706 Datasheet HTML 1Page - Weitron Technology 2SC5706 Datasheet HTML 2Page - Weitron Technology 2SC5706 Datasheet HTML 3Page - Weitron Technology 2SC5706 Datasheet HTML 4Page - Weitron Technology 2SC5706 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS(Ta=25˚C)
2SC5706
D-PAK(TO-252)
NPN EPITAXIAL PLANAR TRANSISTOR
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
Lead(Pb)-Free
P b
Symbol
Value
Unit
Rating
Tstg
Tj
PD
IC(DC)
VEBO
VCES
VCEO
VCBO
Storage Temperature
Junction Temperature
Total Device Disspation
Collector Current
Collector to Base Voltage
Collector to Emitter Voltage
Collector to Emitter Voltage
Collector to Base Voltage
IC(Pulse)
˚C
˚C
W
V
V
V
A
-55 to +150
+150
0.8
15
7.5
IB
A
Base Current
1.2
5
6
80
V
50
80
Device Marking
2SC5706 = 5706
WEITRON
http://www.weitron.com.tw
1/5
25-Aug-05
Features:
Mechanical Data:
* Large current capacitance
* Low collector-to-emitter saturation voltage
* High-speed switching
* High allowable dissipation
* Case : Molded Plastic
* Weight : 0.925 grams
TA = 25°C
TC = 25°C


Similar Part No. - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC5706 MOSPEC-2SC5706 Datasheet
45Kb / 2P
POWER TRANSISTOR(5A,50V,15W)
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
40Kb / 5P
High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
67Kb / 5P
High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
507Kb / 10P
High-Current Switching Applications
logo
ON Semiconductor
2SC5706 ONSEMI-2SC5706 Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5706

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com